Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963T Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9963T
Description  Automotive general purpose SPI to isolated SPI transceiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963T Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9963T Datasheet HTML 11Page - STMicroelectronics L9963T Datasheet HTML 12Page - STMicroelectronics L9963T Datasheet HTML 13Page - STMicroelectronics L9963T Datasheet HTML 14Page - STMicroelectronics L9963T Datasheet HTML 15Page - STMicroelectronics L9963T Datasheet HTML 16Page - STMicroelectronics L9963T Datasheet HTML 17Page - STMicroelectronics L9963T Datasheet HTML 18Page - STMicroelectronics L9963T Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
L9963T
state
L9963T
configuration
TXAMP sampling
Note
Normal
state
Master (NSLAVE =
1)
The TXAMP setting is simply resynchronized (TTXAMP_SETUP
and TTXAMP_HOLD requirements still apply) and deglitched
(TTXAMP_DEGLITCH filter still present), but it is not latched upon NCS
assertion. The new amplitude setting is applied to the TX interface
as soon as the transmission of the SPI frame over the isolated SPI
interface begins.
In case several SPI
frames are being
pushed into the TX
queue, the setting
applied depends
on the last one
latched (no pipelining
supported).
Stand-by
state
Slave/Master
(NSLAVE = X)
The new TXAMP setting is latched during the wakeup sequence.
Hence, the TXAMP pin shall be stable TTXAMP_SETUP before the
DIS high → low transition is applied and shall not change during
TWAKEUP.
-
Reset
state
Slave/Master
(NSLAVE = X)
The initial TXAMP setting is latched during the first power up
sequence. Hence, the TXAMP pin shall be stable before VDD is
applied and shall not change duringTFIRST_POWERUP.
-
It is recommended to apply the same TXAMP setting to all the devices communicating on the bus, in order to
keep a constant SNR in every communication phase.
In order to meet standby consumption requirements, MCU must release the open drain output connected to
TXAMP while L9963T is in Stand-by state.
Figure 9. TXAMP pin structure
TXAMP
R
IN_PU
VIO
TO OPEN DRAIN OUTPUT
V3V3_STBY
TXAMP
3.2.1.8
Electrical parameters - Digital I/O
3.2.1.8.1
Digital input
All parameters are tested and guaranteed in the following conditions, unless otherwise specified: 4.5 V ≤ VVDD ≤
5.5 V ; -40 °C < Tj < 125 °C
Table 11. Digital input electrical characteristics
Symbol
Parameters
Test conditions
Min
Typ Max
Unit
VIN_L
Logic input low voltage.
-
-
-
0.8
V
VIN_H
Logic input high voltage.
-
1.8
-
-
V
L9963T
Pin configuration
DS13590 - Rev 4
page 15/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com