Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963T Datasheet(PDF) 23 Page - STMicroelectronics

Part # L9963T
Description  Automotive general purpose SPI to isolated SPI transceiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963T Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L9963T Datasheet HTML 19Page - STMicroelectronics L9963T Datasheet HTML 20Page - STMicroelectronics L9963T Datasheet HTML 21Page - STMicroelectronics L9963T Datasheet HTML 22Page - STMicroelectronics L9963T Datasheet HTML 23Page - STMicroelectronics L9963T Datasheet HTML 24Page - STMicroelectronics L9963T Datasheet HTML 25Page - STMicroelectronics L9963T Datasheet HTML 26Page - STMicroelectronics L9963T Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
The Regulators enabling state is left upon POR_MAIN release. Next state depends on FirstPowerupDone
latch:
•
In case FirstPowerupDone = 0, the first power up has never been accomplished. Hence, the device moves
toTrimming & Config Latch.
•
In case FirstPowerupDone = 1, the first power up has already been accomplished. Hence, the device
moves to Normal state.
3.3.5
Trimming and config latch
This state is entered from the Regulators enabling state the first time the device is powered up
(FirstPowerupDone = 0).
While in this state, the device must:
•
Download the OTP data.
•
Latch the configuration inputs (NSLAVE, CPHA, CPOL, SPICLKFREQ)storing them into the STBY logic
registers according to Table 7.
SPICLKFREQ comes from a set of comparators that must be checked by an internal BIST before latching the
comparator output. In case the BIST fails, a default 0 value (corresponding to the slowest SPI configuration) must
be stored into the related stand-by internal register.
Stand-by registers hold their value as long as the POR_STBY stays deasserted.
While in this state, L9963T is not sensitive to SPI/VIF activity and wake up conditions (DIS/VIF).
This phase must safely go to an end and may last a maximum time interval of TSETUP_LATCH.
After this phase has come to an end, the FirstPowerupDone latch is set to "1" in the standby logic and the device
moves to Normal state.
3.3.6
Normal state
While in this state, all references and main logic are powered. Both communication interfaces are ready for data
TX/RX activity.
This state is reached either from Trimming & Config Latch (first power up) or from Regulators enabling state
(following a normal wake up sequence):
•
When woken up by an activity on the ISOline, once Normal state is reached, the device must neglect the
DIS pin value (even if it is high) and, on the contrary, it must drive the DIS pin low for TDIS_PULLDOWN
(please note that DIS is an input/output pin). Such a strategy allows to generate an interrupt into the MCU,
or to trigger a wake up into a PMIC device. Once TDIS_PULLDOWN expires, L9963T releases the DIS pull
down and unmasks the DIS deglitched input. If the MCU or the PMIC have been correctly woken up, they
will confirm their activity by pulling down the DIS pin externally, so that L9963T will be kept in Normal state.
Otherwise, DIS will be found asserted (high) and the IC will move back to Regulators disabling state.
•
When woken up by the DIS pin itself the device must start listening to the deglitched DIS pin as soon as it
enters the Normal state.
To detect a "Go to Sleep" condition, the DIS pin status must be constantly monitored through a synchronous-
deglitch filter (TDIS_DEGLITCH, implemented in the main logic through the main oscillator).
Its effect is cascaded to the passive RC filter placed on the input comparator (TRC_DELAY).
When DIS is sensed "high", the main logic raises a signal that triggers the “Go To Sleep” sequence in the IC FSM.
L9963T moves to Regulators disabling state and finally to Stand-by state.
3.3.7
Regulators disabling state
This is a transitional state reached from Normal state during a "Go To Sleep" sequence.
While in this state, the V3V3_MAIN regulator and main oscillator enable signals are deasserted, leading to
POR_MAIN assertion and reset of the main logic.
POR_MAIN assertion marks the transition to Stand-by state.
Even if the main logic is still alive while the device is in Regulators disabling state, it must not be sensitive
to external pins (wake up sources, COM interfaces, etc.). Once started, a "Go To Sleep" sequence cannot be
interrupted.
L9963T
Device functional states
DS13590 - Rev 4
page 23/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com