Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963T Datasheet(PDF) 32 Page - STMicroelectronics

Part # L9963T
Description  Automotive general purpose SPI to isolated SPI transceiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963T Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L9963T Datasheet HTML 28Page - STMicroelectronics L9963T Datasheet HTML 29Page - STMicroelectronics L9963T Datasheet HTML 30Page - STMicroelectronics L9963T Datasheet HTML 31Page - STMicroelectronics L9963T Datasheet HTML 32Page - STMicroelectronics L9963T Datasheet HTML 33Page - STMicroelectronics L9963T Datasheet HTML 34Page - STMicroelectronics L9963T Datasheet HTML 35Page - STMicroelectronics L9963T Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
4
Application information
4.1
ISO lines circuit - Transformer-Based insulation
The transformer-based insulation is recommended for global communication lines between different modules in a
distributed BMS. It offers better insulation and higher immunity to BCI, being the transformer an intrinsic common
mode filter.
Figure 16. Transformer-Based ISO lines circuit
Table 27. Transformer-Based ISO lines BOM
Components Value Unit
Max.
Tolerance
Rating
Comments
RTERM
60
Ω
10%
1/16 W
Termination resistance. Differential output signal amplitude can be
calculated with the following equation:
VISODIFF=VCOM× RTERM
RDIFF_ISO_OUT
CCM_KHZ
6.8
nF
10%
10 V
Filter common mode noise in the kHz range (inverter and other power
converters). Pole introduced is:
fcut_kℎz=
1
nCCM_KHZ× RISODIFF2+RTERM+7.2kΩ
Do not exceed 10 nF, otherwise common mode settling time upon ISO port
enable will last too long.
CCM_MHZ
22
pF
10%
16 V
Filter common mode noise in the MHz range for improved BCI immunity.
Pole introduced is:
fcut_kℎz= 1
2πCCM_MHZ×RTERM
Do not exceed 47 pF, otherwise differential output signal in high frequency
mode might be strongly distorted.
CESD_VCOM
1
μF
10%
16 V
Deviate energy clamped by DESD directly to GND, preventing any
ESD strike from affecting other PCB components. Total capacity on the
VCOM pin must be equal to 2.2 µF. Hence, in BMS configuration, the
recommended capacity distribution is: 1 µF as CESD_VCOM on the ISOH
clamp, 1 µF as CESD_VCOM on the ISOL clamp, 200 nF as CVCOM
directly on the VCOM pin.
L9963T
Application information
DS13590 - Rev 4
page 32/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com