Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963T Datasheet(PDF) 30 Page - STMicroelectronics

Part # L9963T
Description  Automotive general purpose SPI to isolated SPI transceiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963T Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L9963T Datasheet HTML 26Page - STMicroelectronics L9963T Datasheet HTML 27Page - STMicroelectronics L9963T Datasheet HTML 28Page - STMicroelectronics L9963T Datasheet HTML 29Page - STMicroelectronics L9963T Datasheet HTML 30Page - STMicroelectronics L9963T Datasheet HTML 31Page - STMicroelectronics L9963T Datasheet HTML 32Page - STMicroelectronics L9963T Datasheet HTML 33Page - STMicroelectronics L9963T Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
Symbol
Parameters
Test condition
Min Typ Max Unit
VCM_ISO_IN = 0 V , VCM_ISO_IN = 1.4 V
3.4.4.1.2
ISO communicator transmitter
The transmitter is able to translate a single ended logic signal into a differential one output on the ISOP-ISOM
pins. Bit symbols are shown in Figure 15.
Transmitter output impedance can be programmed via TXAMP pin among RDIFF_ISO_OUTL and RDIFF_ISO_OUTH
values. It affects transmitted pulse amplitude, as described in TXAMPdedicated paragraph.
In order to work properly, the transmitter needs to be terminated with an RISO_EXT resistor connected between
ISOP and ISOM pins. This allows generating differential signals with an amplitude suitable to be interpreted by the
ISO Communicator Receiver.
3.4.4.1.2.1
Electrical parameters - ISO transmitter
All parameters are tested and guaranteed in the following conditions, unless otherwise specified: 4.5 V ≤ VVDD ≤
5.5 V ; -40 °C < Tambient < 105 °C
Table 25. Isolated transmitter electrical parameters
Symbol
Parameters
Test condition
Min
Typ
Max Unit
RDIFF_ISO_OUTL
Total output resistance: sum of pull up
and pull down resistance contribution
Rpullup measured with VCM_ISO_IN
= 1.5 V Rpulldown measured with
VCM_ISO_IN = 0.9 V TXAMP = 0
310
440
570
Ω
RDIFF_ISO_OUTH
Rpullup measured with VCM_ISO_IN
= 1.5 V Rpulldown measured with
VCM_ISO_IN = 0.9 V TXAMP = 0
170
244
310
Ω
VCM_ISO_OUT
Output voltage common mode
|V(ISOP) + V(ISOM)|/2
1
-
1.4
V
TBIT_HIGH_LOW_FAST
High/low level bit duration into
a whole period in case of high
frequency configuration
Guarantee by SCAN
-
62.5
-
ns
TBIT_HIGH_LOW_SLOW
High/low level bit duration into a
whole period in case of low frequency
configuration
Guarantee by SCAN
-
500
-
ns
TBIT_LENGTH_FAST
Bit duration with high frequency
configured
Guarantee by SCAN
-
375
-
ns
TBIT_LENGTH_SLOW
Bit duration with low frequency
configured
Guarantee by SCAN
-
3
-
μs
FISO_FAST
Isolated Communication Rate
ISOFREQ = 1
Application info
-
2.66
-
Mbps
FISO_SLOW
Isolated Communication Rate
ISOFREQ = 0
Application info
-
333.3
-
Kbps
3.5
Safety and diagnostic features
This paragraph lists all the safety mechanisms implemented in L9963T.
3.5.1
Bandgap monitor
Two BG references are used, to guarantee independency between monitor functions. In case a BG shifts in
respect to the other, the device is kept under POR.
L9963T
Safety and diagnostic features
DS13590 - Rev 4
page 30/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com