Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000 Datasheet(PDF) 112 Page - Texas Instruments

Part # XIO2000
Description  XIO2000 PCI Express to PCI Bus Translation Bridge
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000 Datasheet(HTML) 112 Page - Texas Instruments

Back Button XIO2000 Datasheet HTML 108Page - Texas Instruments XIO2000 Datasheet HTML 109Page - Texas Instruments XIO2000 Datasheet HTML 110Page - Texas Instruments XIO2000 Datasheet HTML 111Page - Texas Instruments XIO2000 Datasheet HTML 112Page - Texas Instruments XIO2000 Datasheet HTML 113Page - Texas Instruments XIO2000 Datasheet HTML 114Page - Texas Instruments XIO2000 Datasheet HTML 115Page - Texas Instruments XIO2000 Datasheet HTML 116Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 150 page
background image
PCI Express Extended Configuration Space
100
November 2005
SCPS097B
5.16 Next Capability Offset/Capability Version Register
This read-only register returns the value 000h to indicate that this extended capability block represents the
end of the linked list of extended capability structures. The four least significant bits identify the revision of the
current capability block as 1h.
PCI Express extended register offset:
152h
Register type:
Read-only
Default value:
0001h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
5.17 Port VC Capability Register 1
The first port VC capability register provides information to software regarding the VC capabilities support by
the bridge. See Table 5−13 for a complete description of the register contents.
PCI Express extended register offset:
154h
Register type:
Read-only
Default value:
0000 08X1h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
1
0
0
0
0
0
0
x
0
0
0
1
Table 5−13. Port VC Capability Register 1 Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:12
RSVD
R
Reserved. Returns 00000h when read.
11:10
PORT_TABLE_SIZE
R
Port arbitration table entry size. This read-only field returns a value of 10b to indicate
that the field size within the port arbitration table is four bits. This is necessary to allow
as many as six secondary PCI bus masters.
9:8
REF_CLK
R
Reference clock. This read-only field returns a value of 00b to indicate than an internal
100-ns timer is used for time-based, WRR port arbitration.
7
RSVD
R
Reserved. Returns 0b when read.
6:4
LOW_PRIORITY_COUNT
RU
Low priority extended VC count. When bit 25 (STRICT_PRIORITY_EN) in the general
control register (offset D4h, see Section 4.65) is 0b, the default
LOW_PRIORITY_COUNT is 001b. When STRICT_PRIORITY_EN is 1b, the default
LOW_PRIORITY_COUNT is 000b. When STRICT_PRIORITY_EN is set, strict priority
VC arbitration is used and the extended VC always receives priority over VC0 at the
PCI Express port.
3
RSVD
R
Reserved. Returns 0b when read.
2:0
EXT_VC_COUNT
R
Extended VC count. This read-only field returns a value of 001b to indicate support for
one extended VC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com