Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000 Datasheet(PDF) 113 Page - Texas Instruments

Part # XIO2000
Description  XIO2000 PCI Express to PCI Bus Translation Bridge
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000 Datasheet(HTML) 113 Page - Texas Instruments

Back Button XIO2000 Datasheet HTML 109Page - Texas Instruments XIO2000 Datasheet HTML 110Page - Texas Instruments XIO2000 Datasheet HTML 111Page - Texas Instruments XIO2000 Datasheet HTML 112Page - Texas Instruments XIO2000 Datasheet HTML 113Page - Texas Instruments XIO2000 Datasheet HTML 114Page - Texas Instruments XIO2000 Datasheet HTML 115Page - Texas Instruments XIO2000 Datasheet HTML 116Page - Texas Instruments XIO2000 Datasheet HTML 117Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 150 page
background image
PCI Express Extended Configuration Space
101
November 2005
SCPS097B
5.18 Port VC Capability Register 2
The second port VC capability register provides information to software regarding the VC arbitration schemes
supported by the bridge. See Table 5−14 for a complete description of the register contents.
PCI Express extended register offset:
158h
Register type:
Read-only
Default value:
0X00 000Xh
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
x
x
0
0
0
0
0
0
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
x
x
Table 5−14. Port VC Capability Register 2 Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:24
VC_ARB_
TBL_OFFSET
RU
VC arbitration table offset. If bits 6:4 (LOW_PROIRITY_COUNT) in the port VC capability register 1
(offset 154h, see Section 5.17) are 000b, then this field returns 00h when read. Otherwise, this
read-only field returns the value 03h to indicate that the VC arbitration table begins 48 bytes from
the top of the VC capability structure. When this field equals 00h, the VC arbitration table is a
scratch pad and has no effect in the bridge.
23:8
RSVD
R
Reserved. Returns 0000h when read.
7:0
VC_ARB_CAP
RU
VC arbitration capability. This 8-bit encoded field indicates support for the various schemes that are
supported for VC arbitration. The field is encoded as follows:
Bit 0 = Hardware fixed arbitration (round-robin)
Bit 1 = WRR with 32 phases
Bit 2 = WRR with 64 phases
Bit 3 = WRR with 128 phases
Bit 4 = Reserved
Bit 5 = Reserved
Bit 6 = Reserved
Bit 7 = Reserved
If bits 6:4 (LOW_PROIRITY_COUNT) in the port VC capability register 1 (offset 154h, see
Section 5.17) are 000b, then this field returns 00h when read. Otherwise, this field returns 03h to
indicate that hardware-fixed round-robin and WRR with 32 phases are both supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com