Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000 Datasheet(PDF) 114 Page - Texas Instruments

Part # XIO2000
Description  XIO2000 PCI Express to PCI Bus Translation Bridge
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000 Datasheet(HTML) 114 Page - Texas Instruments

Back Button XIO2000 Datasheet HTML 110Page - Texas Instruments XIO2000 Datasheet HTML 111Page - Texas Instruments XIO2000 Datasheet HTML 112Page - Texas Instruments XIO2000 Datasheet HTML 113Page - Texas Instruments XIO2000 Datasheet HTML 114Page - Texas Instruments XIO2000 Datasheet HTML 115Page - Texas Instruments XIO2000 Datasheet HTML 116Page - Texas Instruments XIO2000 Datasheet HTML 117Page - Texas Instruments XIO2000 Datasheet HTML 118Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 150 page
background image
PCI Express Extended Configuration Space
102
November 2005
SCPS097B
5.19 Port VC Control Register
The port VC control register allows software to configure the VC arbitration options within the bridge. See
Table 5−15 for a complete description of the register contents.
PCI Express extended register offset:
15Ch
Register type:
Read-only, Read/Write
Default value:
0000h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 5−15. Port VC Control Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:4
RSVD
R
Reserved. Returns 000h when read.
3:1
VC_ARB
_SELECT
RW
VC arbitration select. This read/write field allows software to define the mechanism used for VC
arbitration by the bridge. The value written to this field indicates the bit position within bits 7:0
(VC_ARB_CAP) in the port VC capability register 2 (offset 158h, see Section 5.18) that corresponds
to the selected arbitration scheme. Values that may be written to this field include:
000 = Hardware-fixed round-robin (default)
001 = WRR with 32 phases
All other values are reserved for arbitrations schemes that are not supported by the bridge.
0
LOAD_VC
_TABLE
RW
Load VC arbitration table. When software writes a 1b to this bit, the bridge applies the values written
in the VC arbitration table within the extended configuration space to the actual VC arbitration tables
used by the device for arbitration. This bit always returns 0b when read.
5.20 Port VC Status Register
The port VC status register allows software to monitor the status of the VC arbitration table. See Table 5−16
for a complete description of the register contents.
PCI Express extended register offset:
15Eh
Register type:
Read-only
Default value:
0000h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 5−16. Port VC Status Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:1
RSVD
R
Reserved. Returns 000 0000 0000 0000b when read.
0
VC_TABLE_STATUS
RU
VC arbitration table status. This bit is automatically set by hardware when any modification is
made to the VC arbitration table entries within the extended configuration space. This bit is
cleared by hardware after software has requested a VC arbitration table refresh and the
refresh has been completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com