Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSO32 Datasheet(PDF) 125 Page - STMicroelectronics

Part # LSM6DSO32
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO32 Datasheet(HTML) 125 Page - STMicroelectronics

Back Button LSM6DSO32 Datasheet HTML 121Page - STMicroelectronics LSM6DSO32 Datasheet HTML 122Page - STMicroelectronics LSM6DSO32 Datasheet HTML 123Page - STMicroelectronics LSM6DSO32 Datasheet HTML 124Page - STMicroelectronics LSM6DSO32 Datasheet HTML 125Page - STMicroelectronics LSM6DSO32 Datasheet HTML 126Page - STMicroelectronics LSM6DSO32 Datasheet HTML 127Page - STMicroelectronics LSM6DSO32 Datasheet HTML 128Page - STMicroelectronics LSM6DSO32 Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 153 page
background image
DocID032891 Rev 1
125/153
LSM6DSO32
Embedded advanced features register description
153
13
Embedded advanced features register description
13.1
Page 0 - Embedded advanced features registers
13.1.1
MAG_SENSITIVITY_L (BAh) and MAG_SENSITIVITY_H (BBh)
External magnetometer sensitivity value register for the Finite State Machine (r/w).
This register corresponds to the LSB-to-gauss conversion value of the external
magnetometer sensor. The register value is expressed as half-precision floating-point
format: SEEEEEFFFFFFFFFF (S: 1 sign bit; E: 5 exponent bits; F: 10 fraction bits).
Default value of MAG_SENS[15:0] is 0x1624, corresponding to 0.0015 gauss/LSB.
13.1.2
MAG_OFFX_L (C0h) and MAG_OFFX_H (C1h)
Offset for X-axis hard-iron compensation register (r/w).
The value is expressed as half-precision floating-point format: SEEEEEFFFFFFFFFF
(S: 1 sign bit; E: 5 exponent bits; F: 10 fraction bits).
Table 246. MAG_SENSITIVITY_L register
MAG_
SENS_7
MAG_
SENS_6
MAG_
SENS_5
MAG_
SENS_4
MAG_
SENS_3
MAG_
SENS_2
MAG_
SENS_1
MAG_
SENS_0
Table 247. MAG_SENSITIVITY_L register description
MAG_SENS_[7:0]
External magnetometer sensitivity (LSbyte). Default value: 00100100
Table 248. MAG_SENSITIVITY_H register
MAG_
SENS_15
MAG_
SENS_14
MAG_
SENS_13
MAG_
SENS_12
MAG_
SENS_11
MAG_
SENS_10
MAG_
SENS_9
MAG_
SENS_8
Table 249. MAG_SENSITIVITY_H register description
MAG_SENS_[15:8]
External magnetometer sensitivity (MSbyte). Default value: 00010110
Table 250. MAG_OFFX_L register
MAG_OFF
X_7
MAG_OFF
X_6
MAG_OFF
X_5
MAG_OFF
X_4
MAG_OFF
X_3
MAG_OFF
X_2
MAG_OFF
X_1
MAG_OFF
X_0
Table 251. MAG_OFFX_L register description
MAG_OFFX_[7:0]
Offset for X-axis hard-iron compensation (LSbyte). Default value: 00000000
Table 252. MAG_OFFX_H register
MAG_OFF
X_15
MAG_OFF
X_14
MAG_OFF
X_13
MAG_OFF
X_12
MAG_OFF
X_11
MAG_OFF
X_10
MAG_OFF
X_9
MAG_OFF
X_8
Table 253. MAG_OFFX_H register description
MAG_OFFX_[15:8]
Offset for X-axis hard-iron compensation (MSbyte). Default value: 00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com