Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSO32 Datasheet(PDF) 127 Page - STMicroelectronics

Part # LSM6DSO32
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO32 Datasheet(HTML) 127 Page - STMicroelectronics

Back Button LSM6DSO32 Datasheet HTML 123Page - STMicroelectronics LSM6DSO32 Datasheet HTML 124Page - STMicroelectronics LSM6DSO32 Datasheet HTML 125Page - STMicroelectronics LSM6DSO32 Datasheet HTML 126Page - STMicroelectronics LSM6DSO32 Datasheet HTML 127Page - STMicroelectronics LSM6DSO32 Datasheet HTML 128Page - STMicroelectronics LSM6DSO32 Datasheet HTML 129Page - STMicroelectronics LSM6DSO32 Datasheet HTML 130Page - STMicroelectronics LSM6DSO32 Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 153 page
background image
DocID032891 Rev 1
127/153
LSM6DSO32
Embedded advanced features register description
153
13.1.5
MAG_SI_XX_L (C6h) and MAG_SI_XX_H (C7h)
Soft-iron (3x3 symmetric) matrix correction register (r/w).
The value is expressed as half-precision floating-point format: SEEEEEFFFFFFFFFF
(S: 1 sign bit; E: 5 exponent bits; F: 10 fraction bits).
13.1.6
MAG_SI_XY_L (C8h) and MAG_SI_XY_H (C9h)
Soft-iron (3x3 symmetric) matrix correction register (r/w).
The value is expressed as half-precision floating-point format: SEEEEEFFFFFFFFFF
(S: 1 sign bit; E: 5 exponent bits; F: 10 fraction bits).
Table 262. MAG_SI_XX_L register
MAG_SI_
XX_7
MAG_SI_
XX_6
MAG_SI_
XX_5
MAG_SI_
XX_4
MAG_SI_
XX_3
MAG_SI_
XX_2
MAG_SI_
XX_1
MAG_SI_
XX_0
Table 263. MAG_SI_XX_L register description
MAG_SI_XX_[7:0]
Soft-iron correction row1 col1 coefficient (LSbyte). Default value: 00000000
Table 264. MAG_SI_XX_H register
MAG_SI_
XX_15
MAG_SI_
XX_14
MAG_SI_
XX_13
MAG_SI_
XX_12
MAG_SI_
XX_11
MAG_SI_
XX_10
MAG_SI_
XX_9
MAG_SI_
XX_8
Table 265. MAG_SI_XX_H register description
MAG_SI_XX_[15:8] Soft-iron correction row1 col1 coefficient (MSbyte). Default value: 00111100
Table 266. MAG_SI_XY_L register
MAG_SI_
XY_7
MAG_SI_
XY_6
MAG_SI_
XY_5
MAG_SI_
XY_4
MAG_SI_
XY_3
MAG_SI_
XY_2
MAG_SI_
XY_1
MAG_SI_
XY_0
Table 267. MAG_SI_XY_L register description
MAG_SI_XY_[7:0]
Soft-iron correction row1 col2 (and row2 col1) coefficient (LSbyte). Default
value: 00000000
Table 268. MAG_SI_XY_H register
MAG_SI_
XY_15
MAG_SI_
XY_14
MAG_SI_
XY_13
MAG_SI_
XY_12
MAG_SI_
XY_11
MAG_SI_
XY_10
MAG_SI_
XY_9
MAG_SI_
XY_8
Table 269. MAG_SI_XY_H register description
MAG_SI_XY_[15:8]
Soft-iron correction row1 col2 (and row2 col1) coefficient (MSbyte). Default
value: 00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com