Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSOX Datasheet(PDF) 180 Page - STMicroelectronics

Part # LSM6DSOX
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOX Datasheet(HTML) 180 Page - STMicroelectronics

Back Button LSM6DSOX Datasheet HTML 176Page - STMicroelectronics LSM6DSOX Datasheet HTML 177Page - STMicroelectronics LSM6DSOX Datasheet HTML 178Page - STMicroelectronics LSM6DSOX Datasheet HTML 179Page - STMicroelectronics LSM6DSOX Datasheet HTML 180Page - STMicroelectronics LSM6DSOX Datasheet HTML 181Page - STMicroelectronics LSM6DSOX Datasheet HTML 182Page - STMicroelectronics LSM6DSOX Datasheet HTML 183Page - STMicroelectronics LSM6DSOX Datasheet HTML 184Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 199 page
background image
5.5
Auxiliary SPI interface.......................................................... 26
6
Functionality .....................................................................27
6.1
Operating modes.............................................................. 27
6.2
Accelerometer power modes .................................................... 27
6.2.1
Accelerometer ultra-low-power mode ........................................ 27
6.3
Gyroscope power modes ....................................................... 27
6.4
Block diagram of filters ......................................................... 27
6.4.1
Block diagrams of the accelerometer filters.................................... 28
6.4.2
Block diagrams of the gyroscope filters ....................................... 31
6.5
OIS ......................................................................... 33
6.5.1
Enabling OIS functionality and connection schemes ............................. 33
6.6
FIFO ........................................................................ 36
6.6.1
Bypass mode .......................................................... 36
6.6.2
FIFO mode ............................................................ 36
6.6.3
Continuous mode ....................................................... 37
6.6.4
Continuous-to-FIFO mode................................................. 37
6.6.5
Bypass-to-Continuous mode ............................................... 37
6.6.6
Bypass-to-FIFO mode.................................................... 37
6.6.7
FIFO reading procedure .................................................. 38
7
Application hints .................................................................39
7.1
LSM6DSOX electrical connections in Mode 1 ...................................... 39
7.2
LSM6DSOX electrical connections in Mode 2 ...................................... 39
7.3
LSM6DSOX electrical connections in Mode 3 and Mode 4 ........................... 40
8
Register mapping.................................................................44
9
Register description ..............................................................47
9.1
FUNC_CFG_ACCESS (01h) .................................................... 47
9.2
PIN_CTRL (02h) .............................................................. 48
9.3
S4S_TPH_L (04h)............................................................. 48
9.4
S4S_TPH_H (05h) ............................................................ 49
9.5
S4S_RR (06h) ................................................................ 49
9.6
FIFO_CTRL1 (07h) ............................................................ 49
LSM6DSOX
Contents
DS12814 - Rev 3
page 180/199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com