Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSOX Datasheet(PDF) 183 Page - STMicroelectronics

Part # LSM6DSOX
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOX Datasheet(HTML) 183 Page - STMicroelectronics

Back Button LSM6DSOX Datasheet HTML 179Page - STMicroelectronics LSM6DSOX Datasheet HTML 180Page - STMicroelectronics LSM6DSOX Datasheet HTML 181Page - STMicroelectronics LSM6DSOX Datasheet HTML 182Page - STMicroelectronics LSM6DSOX Datasheet HTML 183Page - STMicroelectronics LSM6DSOX Datasheet HTML 184Page - STMicroelectronics LSM6DSOX Datasheet HTML 185Page - STMicroelectronics LSM6DSOX Datasheet HTML 186Page - STMicroelectronics LSM6DSOX Datasheet HTML 187Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 199 page
background image
9.67
UI_CTRL1_OIS (70h) .......................................................... 92
9.68
UI_CTRL2_OIS (71h) .......................................................... 93
9.69
UI_CTRL3_OIS (72h) .......................................................... 94
9.70
X_OFS_USR (73h) ............................................................ 96
9.71
Y_OFS_USR (74h) ............................................................ 96
9.72
Z_OFS_USR (75h) ............................................................ 96
9.73
FIFO_DATA_OUT_TAG (78h) ................................................... 97
9.74
FIFO_DATA_OUT_X_L (79h) and FIFO_DATA_OUT_X_H (7Ah) ..................... 98
9.75
FIFO_DATA_OUT_Y_L (7Bh) and FIFO_DATA_OUT_Y_H (7Ch) ..................... 98
9.76
FIFO_DATA_OUT_Z_L (7Dh) and FIFO_DATA_OUT_Z_H (7Eh) ..................... 98
10
SPI2 register mapping ............................................................99
11
SPI2 register description........................................................ 100
11.1
SPI2_WHO_AM_I (0Fh).......................................................100
11.2
SPI2_STATUS_REG_OIS (1Eh) ................................................100
11.3
SPI2_OUT_TEMP_L (20h) and SPI2_OUT_TEMP_H (21h).........................100
11.4
SPI2_OUTX_L_G_OIS (22h) and SPI2_OUTX_H_G_OIS (23h) .....................101
11.5
SPI2_OUTY_L_G_OIS (24h) and SPI2_OUTY_H_G_OIS (25h) .....................101
11.6
SPI2_OUTZ_L_G_OIS (26h) and SPI2_OUTZ_H_G_OIS (27h) .....................102
11.7
SPI2_OUTX_L_A_OIS (28h) and SPI2_OUTX_H_A_OIS (29h) ..................... 102
11.8
SPI2_OUTY_L_A_OIS (2Ah) and SPI2_OUTY_H_A_OIS (2Bh) .....................103
11.9
SPI2_OUTZ_L_A_OIS (2Ch) and SPI2_OUTZ_H_A_OIS (2Dh) .....................103
11.10 SPI2_INT_OIS (6Fh) .........................................................104
11.11 SPI2_CTRL1_OIS (70h).......................................................105
11.12 SPI2_CTRL2_OIS (71h).......................................................106
11.13 SPI2_CTRL3_OIS (72h).......................................................107
12
Embedded functions register mapping .......................................... 108
13
Embedded functions register description ....................................... 110
13.1
PAGE_SEL (02h) ............................................................ 110
13.2
EMB_FUNC_EN_A (04h)...................................................... 110
13.3
EMB_FUNC_EN_B (05h)...................................................... 111
LSM6DSOX
Contents
DS12814 - Rev 3
page 183/199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com