Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSOX Datasheet(PDF) 185 Page - STMicroelectronics

Part # LSM6DSOX
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOX Datasheet(HTML) 185 Page - STMicroelectronics

Back Button LSM6DSOX Datasheet HTML 181Page - STMicroelectronics LSM6DSOX Datasheet HTML 182Page - STMicroelectronics LSM6DSOX Datasheet HTML 183Page - STMicroelectronics LSM6DSOX Datasheet HTML 184Page - STMicroelectronics LSM6DSOX Datasheet HTML 185Page - STMicroelectronics LSM6DSOX Datasheet HTML 186Page - STMicroelectronics LSM6DSOX Datasheet HTML 187Page - STMicroelectronics LSM6DSOX Datasheet HTML 188Page - STMicroelectronics LSM6DSOX Datasheet HTML 189Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 199 page
background image
13.34 FSM_OUTS11 (56h) ..........................................................137
13.35 FSM_OUTS12 (57h)..........................................................138
13.36 FSM_OUTS13 (58h)..........................................................139
13.37 FSM_OUTS14 (59h)..........................................................140
13.38 FSM_OUTS15 (5Ah) .........................................................141
13.39 FSM_OUTS16 (5Bh) .........................................................142
13.40 EMB_FUNC_ODR_CFG_B (5Fh) ...............................................143
13.41 EMB_FUNC_ODR_CFG_C (60h)...............................................143
13.42 STEP_COUNTER_L (62h) and STEP_COUNTER_H (63h) .........................144
13.43 EMB_FUNC_SRC (64h).......................................................144
13.44 EMB_FUNC_INIT_A (66h).....................................................145
13.45 EMB_FUNC_INIT_B (67h).....................................................145
13.46 MLC0_SRC (70h) ............................................................145
13.47 MLC1_SRC (71h) ............................................................146
13.48 MLC2_SRC (72h) ............................................................146
13.49 MLC3_SRC (73h) ............................................................146
13.50 MLC4_SRC (74h) ............................................................147
13.51 MLC5_SRC (75h) ............................................................147
13.52 MLC6_SRC (76h) ............................................................147
13.53 MLC7_SRC (77h) ............................................................147
14
Embedded advanced features pages ............................................ 148
15
Embedded advanced features register description .............................. 150
15.1
Page 0 - Embedded advanced features registers ..................................150
15.1.1
MAG_SENSITIVITY_L (BAh) and MAG_SENSITIVITY_H (BBh) .................. 150
15.1.2
MAG_OFFX_L (C0h) and MAG_OFFX_H (C1h)............................... 151
15.1.3
MAG_OFFY_L (C2h) and MAG_OFFY_H (C3h)............................... 151
15.1.4
MAG_OFFZ_L (C4h) and MAG_OFFZ_H (C5h) ............................... 152
15.1.5
MAG_SI_XX_L (C6h) and MAG_SI_XX_H (C7h) .............................. 152
15.1.6
MAG_SI_XY_L (C8h) and MAG_SI_XY_H (C9h) .............................. 153
15.1.7
MAG_SI_XZ_L (CAh) and MAG_SI_XZ_H (CBh) .............................. 153
15.1.8
MAG_SI_YY_L (CCh) and MAG_SI_YY_H (CDh) ............................. 154
LSM6DSOX
Contents
DS12814 - Rev 3
page 185/199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com