Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSOX Datasheet(PDF) 182 Page - STMicroelectronics

Part # LSM6DSOX
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOX Datasheet(HTML) 182 Page - STMicroelectronics

Back Button LSM6DSOX Datasheet HTML 178Page - STMicroelectronics LSM6DSOX Datasheet HTML 179Page - STMicroelectronics LSM6DSOX Datasheet HTML 180Page - STMicroelectronics LSM6DSOX Datasheet HTML 181Page - STMicroelectronics LSM6DSOX Datasheet HTML 182Page - STMicroelectronics LSM6DSOX Datasheet HTML 183Page - STMicroelectronics LSM6DSOX Datasheet HTML 184Page - STMicroelectronics LSM6DSOX Datasheet HTML 185Page - STMicroelectronics LSM6DSOX Datasheet HTML 186Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 199 page
background image
9.37
EMB_FUNC_STATUS_MAINPAGE (35h) ......................................... 73
9.38
FSM_STATUS_A_MAINPAGE (36h) ............................................. 74
9.39
FSM_STATUS_B_MAINPAGE (37h) ............................................. 75
9.40
MLC_STATUS_MAINPAGE (38h)................................................ 76
9.41
STATUS_MASTER_MAINPAGE (39h) ............................................ 76
9.42
FIFO_STATUS1 (3Ah) ......................................................... 76
9.43
FIFO_STATUS2 (3Bh) ......................................................... 77
9.44
TIMESTAMP0 (40h), TIMESTAMP1 (41h), TIMESTAMP2 (42h), and TIMESTAMP3 (43h) 78
9.45
UI_STATUS_REG_OIS (49h) ................................................... 78
9.46
UI_OUTX_L_G_OIS (4Ah) and UI_OUTX_H_G_OIS (4Bh) .......................... 79
9.47
UI_OUTY_L_G_OIS (4Ch) and UI_OUTY_H_G_OIS (4Dh) .......................... 79
9.48
UI_OUTZ_L_G_OIS (4Eh) and UI_OUTZ_H_G_OIS (4Fh) .......................... 80
9.49
UI_OUTX_L_A_OIS (50h) and UI_OUTX_H_A_OIS (51h) ........................... 80
9.50
UI_OUTY_L_A_OIS (52h) and UI_OUTY_H_A_OIS (53h) ........................... 81
9.51
UI_OUTZ_L_A_OIS (54h) and UI_OUTZ_H_A_OIS (55h) ........................... 81
9.52
TAP_CFG0 (56h).............................................................. 82
9.53
TAP_CFG1 (57h).............................................................. 83
9.54
TAP_CFG2 (58h).............................................................. 83
9.55
TAP_THS_6D (59h) ........................................................... 83
9.56
INT_DUR2 (5Ah) .............................................................. 85
9.57
WAKE_UP_THS (5Bh) ......................................................... 85
9.58
WAKE_UP_DUR (5Ch) ........................................................ 86
9.59
FREE_FALL (5Dh) ............................................................ 87
9.60
MD1_CFG (5Eh) .............................................................. 88
9.61
MD2_CFG (5Fh) .............................................................. 89
9.62
S4S_ST_CMD_CODE (60h) .................................................... 90
9.63
S4S_DT_REG (61h) ........................................................... 90
9.64
I3C_BUS_AVB (62h)........................................................... 90
9.65
INTERNAL_FREQ_FINE (63h) .................................................. 91
9.66
UI_INT_OIS (6Fh) ............................................................. 91
LSM6DSOX
Contents
DS12814 - Rev 3
page 182/199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com