Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSOX Datasheet(PDF) 181 Page - STMicroelectronics

Part # LSM6DSOX
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOX Datasheet(HTML) 181 Page - STMicroelectronics

Back Button LSM6DSOX Datasheet HTML 177Page - STMicroelectronics LSM6DSOX Datasheet HTML 178Page - STMicroelectronics LSM6DSOX Datasheet HTML 179Page - STMicroelectronics LSM6DSOX Datasheet HTML 180Page - STMicroelectronics LSM6DSOX Datasheet HTML 181Page - STMicroelectronics LSM6DSOX Datasheet HTML 182Page - STMicroelectronics LSM6DSOX Datasheet HTML 183Page - STMicroelectronics LSM6DSOX Datasheet HTML 184Page - STMicroelectronics LSM6DSOX Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 199 page
background image
9.7
FIFO_CTRL2 (08h) ............................................................ 50
9.8
FIFO_CTRL3 (09h) ............................................................ 51
9.9
FIFO_CTRL4 (0Ah)............................................................ 52
9.10
COUNTER_BDR_REG1 (0Bh) .................................................. 53
9.11
COUNTER_BDR_REG2 (0Ch) .................................................. 53
9.12
INT1_CTRL (0Dh) ............................................................. 54
9.13
INT2_CTRL (0Eh) ............................................................. 55
9.14
WHO_AM_I (0Fh) ............................................................. 55
9.15
CTRL1_XL (10h) .............................................................. 56
9.16
CTRL2_G (11h) ............................................................... 57
9.17
CTRL3_C (12h) ............................................................... 58
9.18
CTRL4_C (13h) ............................................................... 59
9.19
CTRL5_C (14h) ............................................................... 60
9.20
CTRL6_C (15h) ............................................................... 60
9.21
CTRL7_G (16h)............................................................... 61
9.22
CTRL8_XL (17h) .............................................................. 63
9.23
CTRL9_XL (18h) .............................................................. 65
9.24
CTRL10_C (19h) .............................................................. 65
9.25
ALL_INT_SRC (1Ah) .......................................................... 66
9.26
WAKE_UP_SRC (1Bh)......................................................... 67
9.27
TAP_SRC (1Ch) .............................................................. 68
9.28
D6D_SRC (1Dh) .............................................................. 69
9.29
STATUS_REG (1Eh)........................................................... 69
9.30
OUT_TEMP_L (20h), OUT_TEMP_H (21h)........................................ 70
9.31
OUTX_L_G (22h) and OUTX_H_G (23h) ......................................... 70
9.32
OUTY_L_G (24h) and OUTY_H_G (25h) ......................................... 71
9.33
OUTZ_L_G (26h) and OUTZ_H_G (27h).......................................... 71
9.34
OUTX_L_A (28h) and OUTX_H_A (29h) .......................................... 72
9.35
OUTY_L_A (2Ah) and OUTY_H_A (2Bh) ......................................... 72
9.36
OUTZ_L_A (2Ch) and OUTZ_H_A (2Dh) ......................................... 73
LSM6DSOX
Contents
DS12814 - Rev 3
page 181/199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com