Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV16X Datasheet(PDF) 178 Page - STMicroelectronics

Part # LSM6DSV16X
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core and Qvar electrostatic sensor
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV16X Datasheet(HTML) 178 Page - STMicroelectronics

Back Button LSM6DSV16X Datasheet HTML 174Page - STMicroelectronics LSM6DSV16X Datasheet HTML 175Page - STMicroelectronics LSM6DSV16X Datasheet HTML 176Page - STMicroelectronics LSM6DSV16X Datasheet HTML 177Page - STMicroelectronics LSM6DSV16X Datasheet HTML 178Page - STMicroelectronics LSM6DSV16X Datasheet HTML 179Page - STMicroelectronics LSM6DSV16X Datasheet HTML 180Page - STMicroelectronics LSM6DSV16X Datasheet HTML 181Page - STMicroelectronics LSM6DSV16X Datasheet HTML 182Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 196 page
background image
6.1
Operating modes.............................................................. 30
6.2
Accelerometer power modes .................................................... 30
6.3
Accelerometer dual-channel mode ............................................... 31
6.4
Gyroscope power modes ....................................................... 32
6.5
High-accuracy ODR mode ...................................................... 32
6.6
Analog hub functionality ........................................................ 33
6.7
Qvar functionality.............................................................. 33
6.8
Block diagram of filters ......................................................... 33
6.8.1
Block diagrams of the accelerometer filters.................................... 34
6.8.2
Block diagrams of the gyroscope filters ....................................... 36
6.9
Enhanced EIS ................................................................ 38
6.10
OIS ......................................................................... 39
6.10.1
Enabling OIS functionality and connection schemes ............................. 39
6.11
FIFO ........................................................................ 42
6.11.1
Bypass mode .......................................................... 42
6.11.2
FIFO mode ............................................................ 43
6.11.3
Continuous mode ....................................................... 43
6.11.4
Continuous-to-FIFO mode................................................. 43
6.11.5
ContinuousWTM-to-full mode .............................................. 43
6.11.6
Bypass-to-continuous mode ............................................... 44
6.11.7
Bypass-to-FIFO mode.................................................... 44
6.11.8
FIFO reading procedure .................................................. 44
7
Application hints .................................................................45
7.1
LSM6DSV16X electrical connections in mode 1 .................................... 45
7.2
LSM6DSV16X electrical connections in mode 2 .................................... 46
7.3
LSM6DSV16X electrical connections in mode 3 .................................... 47
8
Register mapping.................................................................50
9
Register description ..............................................................54
9.1
FUNC_CFG_ACCESS (01h) .................................................... 54
9.2
PIN_CTRL (02h) .............................................................. 55
9.3
IF_CFG (03h)................................................................. 56
9.4
FIFO_CTRL1 (07h) ............................................................ 57
9.5
FIFO_CTRL2 (08h) ............................................................ 57
9.6
FIFO_CTRL3 (09h) ............................................................ 58
9.7
FIFO_CTRL4 (0Ah)............................................................ 59
9.8
COUNTER_BDR_REG1 (0Bh) .................................................. 60
LSM6DSV16X
Contents
DS13510 - Rev 1
page 178/196



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com