Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV16X Datasheet(PDF) 180 Page - STMicroelectronics

Part # LSM6DSV16X
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core and Qvar electrostatic sensor
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV16X Datasheet(HTML) 180 Page - STMicroelectronics

Back Button LSM6DSV16X Datasheet HTML 176Page - STMicroelectronics LSM6DSV16X Datasheet HTML 177Page - STMicroelectronics LSM6DSV16X Datasheet HTML 178Page - STMicroelectronics LSM6DSV16X Datasheet HTML 179Page - STMicroelectronics LSM6DSV16X Datasheet HTML 180Page - STMicroelectronics LSM6DSV16X Datasheet HTML 181Page - STMicroelectronics LSM6DSV16X Datasheet HTML 182Page - STMicroelectronics LSM6DSV16X Datasheet HTML 183Page - STMicroelectronics LSM6DSV16X Datasheet HTML 184Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 196 page
background image
9.45
TAP_SRC (46h)............................................................... 85
9.46
D6D_SRC (47h) .............................................................. 86
9.47
STATUS_MASTER_MAINPAGE (48h) ............................................ 86
9.48
EMB_FUNC_STATUS_MAINPAGE (49h) ......................................... 87
9.49
FSM_STATUS_MAINPAGE (4Ah) ............................................... 87
9.50
MLC_STATUS_MAINPAGE (4Bh) ............................................... 88
9.51
INTERNAL_FREQ_FINE (4Fh) .................................................. 88
9.52
FUNCTIONS_ENABLE (50h) ................................................... 89
9.53
DEN (51h) ................................................................... 90
9.54
INACTIVITY_DUR (54h) ....................................................... 91
9.55
INACTIVITY_THS (55h) ........................................................ 91
9.56
TAP_CFG0 (56h).............................................................. 92
9.57
TAP_CFG1 (57h).............................................................. 93
9.58
TAP_CFG2 (58h).............................................................. 93
9.59
TAP_THS_6D (59h) ........................................................... 94
9.60
TAP_DUR (5Ah) .............................................................. 95
9.61
WAKE_UP_THS (5Bh) ......................................................... 95
9.62
WAKE_UP_DUR (5Ch) ........................................................ 96
9.63
FREE_FALL (5Dh) ............................................................ 96
9.64
MD1_CFG (5Eh) .............................................................. 97
9.65
MD2_CFG (5Fh) .............................................................. 98
9.66
EMB_FUNC_CFG (63h)........................................................ 99
9.67
UI_HANDSHAKE_CTRL (64h) .................................................. 99
9.68
UI_SPI2_SHARED_0 (65h) ....................................................100
9.69
UI_SPI2_SHARED_1 (66h) ....................................................100
9.70
UI_SPI2_SHARED_2 (67h) ....................................................100
9.71
UI_SPI2_SHARED_3 (68h) ....................................................101
9.72
UI_SPI2_SHARED_4 (69h) ....................................................101
9.73
UI_SPI2_SHARED_5 (6Ah)....................................................101
9.74
CTRL_EIS (6Bh) .............................................................102
9.75
UI_INT_OIS (6Fh) ............................................................103
9.76
UI_CTRL1_OIS (70h) .........................................................104
9.77
UI_CTRL2_OIS (71h) .........................................................105
9.78
UI_CTRL3_OIS (72h) .........................................................106
9.79
X_OFS_USR (73h) ...........................................................107
9.80
Y_OFS_USR (74h) ...........................................................107
LSM6DSV16X
Contents
DS13510 - Rev 1
page 180/196



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com