Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV16X Datasheet(PDF) 183 Page - STMicroelectronics

Part # LSM6DSV16X
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core and Qvar electrostatic sensor
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV16X Datasheet(HTML) 183 Page - STMicroelectronics

Back Button LSM6DSV16X Datasheet HTML 179Page - STMicroelectronics LSM6DSV16X Datasheet HTML 180Page - STMicroelectronics LSM6DSV16X Datasheet HTML 181Page - STMicroelectronics LSM6DSV16X Datasheet HTML 182Page - STMicroelectronics LSM6DSV16X Datasheet HTML 183Page - STMicroelectronics LSM6DSV16X Datasheet HTML 184Page - STMicroelectronics LSM6DSV16X Datasheet HTML 185Page - STMicroelectronics LSM6DSV16X Datasheet HTML 186Page - STMicroelectronics LSM6DSV16X Datasheet HTML 187Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 196 page
background image
15.1.6
FSM_EXT_OFFY_L (C2h) and FSM_EXT_OFFY_H (C3h) ...................... 147
15.1.7
FSM_EXT_OFFZ_L (C4h) and FSM_EXT_OFFZ_H (C5h)....................... 148
15.1.8
FSM_EXT_MATRIX_XX_L (C6h) and FSM_EXT_MATRIX_XX_H (C7h) ............ 148
15.1.9
FSM_EXT_MATRIX_XY_L (C8h) and FSM_EXT_MATRIX_XY_H (C9h) ............ 149
15.1.10 FSM_EXT_MATRIX_XZ_L (CAh) and FSM_EXT_MATRIX_XZ_H (CBh) ............ 149
15.1.11 FSM_EXT_MATRIX_YY_L (CCh) and FSM_EXT_MATRIX_YY_H (CDh)............ 150
15.1.12 FSM_EXT_MATRIX_YZ_L (CEh) and FSM_EXT_MATRIX_YZ_H (CFh) ............ 150
15.1.13 FSM_EXT_MATRIX_ZZ_L (D0h) and FSM_EXT_MATRIX_ZZ_H (D1h) ............ 151
15.1.14 EXT_CFG_A (D4h) ..................................................... 152
15.1.15 EXT_CFG_B (D5h) ..................................................... 152
15.2
Page 1 - embedded advanced features registers ..................................153
15.2.1
FSM_LC_TIMEOUT_L (7Ah) and FSM_LC_TIMEOUT_H (7Bh)................... 153
15.2.2
FSM_PROGRAMS (7Ch) ................................................ 153
15.2.3
FSM_START_ADD_L (7Eh) and FSM_START_ADD_H (7Fh) .................... 154
15.2.4
PEDO_CMD_REG (83h)................................................. 154
15.2.5
PEDO_DEB_STEPS_CONF (84h) ......................................... 155
15.2.6
PEDO_SC_DELTAT_L (D0h) and PEDO_SC_DELTAT_H (D1h) .................. 155
15.2.7
MLC_EXT_SENSITIVITY_L (E8h) and MLC_EXT_SENSITIVITY_H (E9h) .......... 156
15.3
Page 2 - embedded advanced features registers ..................................157
15.3.1
EXT_FORMAT (00h).................................................... 157
15.3.2
EXT_3BYTE_SENSITIVITY_L (02h) and EXT_3BYTE_SENSITIVITY_H (03h) ....... 157
15.3.3
EXT_3BYTE_OFFSET_XL
(06h),
EXT_3BYTE_OFFSET_L
(07h)
and
EXT_3BYTE_OFFSET_H (08h) ........................................... 158
16
Sensor hub register mapping ................................................... 159
17
Sensor hub register description................................................. 160
17.1
SENSOR_HUB_1 (02h) .......................................................160
17.2
SENSOR_HUB_2 (03h) .......................................................160
17.3
SENSOR_HUB_3 (04h) .......................................................160
17.4
SENSOR_HUB_4 (05h) .......................................................161
17.5
SENSOR_HUB_5 (06h) .......................................................161
17.6
SENSOR_HUB_6 (07h) .......................................................161
17.7
SENSOR_HUB_7 (08h) .......................................................162
17.8
SENSOR_HUB_8 (09h) .......................................................162
17.9
SENSOR_HUB_9 (0Ah).......................................................162
17.10 SENSOR_HUB_10 (0Bh)......................................................163
17.11 SENSOR_HUB_11 (0Ch)......................................................163
17.12 SENSOR_HUB_12 (0Dh)......................................................163
LSM6DSV16X
Contents
DS13510 - Rev 1
page 183/196



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com