Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV16X Datasheet(PDF) 181 Page - STMicroelectronics

Part # LSM6DSV16X
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core and Qvar electrostatic sensor
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV16X Datasheet(HTML) 181 Page - STMicroelectronics

Back Button LSM6DSV16X Datasheet HTML 177Page - STMicroelectronics LSM6DSV16X Datasheet HTML 178Page - STMicroelectronics LSM6DSV16X Datasheet HTML 179Page - STMicroelectronics LSM6DSV16X Datasheet HTML 180Page - STMicroelectronics LSM6DSV16X Datasheet HTML 181Page - STMicroelectronics LSM6DSV16X Datasheet HTML 182Page - STMicroelectronics LSM6DSV16X Datasheet HTML 183Page - STMicroelectronics LSM6DSV16X Datasheet HTML 184Page - STMicroelectronics LSM6DSV16X Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 196 page
background image
9.81
Z_OFS_USR (75h) ...........................................................107
9.82
FIFO_DATA_OUT_TAG (78h) ..................................................108
9.83
FIFO_DATA_OUT_X_L (79h) and FIFO_DATA_OUT_X_H (7Ah) .................... 109
9.84
FIFO_DATA_OUT_Y_L (7Bh) and FIFO_DATA_OUT_Y_H (7Ch) .................... 109
9.85
FIFO_DATA_OUT_Z_L (7Dh) and FIFO_DATA_OUT_Z_H (7Eh) ....................109
10
SPI2 register mapping .......................................................... 110
11
SPI2 register description.........................................................111
11.1
SPI2_WHO_AM_I (0Fh)....................................................... 111
11.2
SPI2_STATUS_REG_OIS (1Eh) ................................................ 111
11.3
SPI2_OUT_TEMP_L (20h) and SPI2_OUT_TEMP_H (21h)......................... 111
11.4
SPI2_OUTX_L_G_OIS (22h) and SPI2_OUTX_H_G_OIS (23h) ..................... 112
11.5
SPI2_OUTY_L_G_OIS (24h) and SPI2_OUTY_H_G_OIS (25h) ..................... 112
11.6
SPI2_OUTZ_L_G_OIS (26h) and SPI2_OUTZ_H_G_OIS (27h) ..................... 113
11.7
SPI2_OUTX_L_A_OIS (28h) and SPI2_OUTX_H_A_OIS (29h) ..................... 113
11.8
SPI2_OUTY_L_A_OIS (2Ah) and SPI2_OUTY_H_A_OIS (2Bh) ..................... 114
11.9
SPI2_OUTZ_L_A_OIS (2Ch) and SPI2_OUTZ_H_A_OIS (2Dh) ..................... 114
11.10 SPI2_HANDSHAKE_CTRL (6Eh)............................................... 114
11.11 SPI2_INT_OIS (6Fh) ......................................................... 115
11.12 SPI2_CTRL1_OIS (70h)....................................................... 116
11.13 SPI2_CTRL2_OIS (71h)....................................................... 117
11.14 SPI2_CTRL3_OIS (72h)....................................................... 118
12
Embedded functions register mapping .......................................... 119
13
Embedded functions register description ....................................... 121
13.1
PAGE_SEL (02h) ............................................................121
13.2
EMB_FUNC_EN_A (04h)......................................................121
13.3
EMB_FUNC_EN_B (05h)......................................................122
13.4
EMB_FUNC_EXEC_STATUS (07h) .............................................122
13.5
PAGE_ADDRESS (08h) .......................................................123
13.6
PAGE_VALUE (09h) ..........................................................123
13.7
EMB_FUNC_INT1 (0Ah) ......................................................123
13.8
FSM_INT1 (0Bh) .............................................................124
13.9
MLC_INT1 (0Dh) .............................................................125
13.10 EMB_FUNC_INT2 (0Eh) ......................................................125
13.11 FSM_INT2 (0Fh) .............................................................126
13.12 MLC_INT2 (11h) .............................................................127
LSM6DSV16X
Contents
DS13510 - Rev 1
page 181/196



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com