Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSV16X Datasheet(PDF) 182 Page - STMicroelectronics

Part # LSM6DSV16X
Description  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core and Qvar electrostatic sensor
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV16X Datasheet(HTML) 182 Page - STMicroelectronics

Back Button LSM6DSV16X Datasheet HTML 178Page - STMicroelectronics LSM6DSV16X Datasheet HTML 179Page - STMicroelectronics LSM6DSV16X Datasheet HTML 180Page - STMicroelectronics LSM6DSV16X Datasheet HTML 181Page - STMicroelectronics LSM6DSV16X Datasheet HTML 182Page - STMicroelectronics LSM6DSV16X Datasheet HTML 183Page - STMicroelectronics LSM6DSV16X Datasheet HTML 184Page - STMicroelectronics LSM6DSV16X Datasheet HTML 185Page - STMicroelectronics LSM6DSV16X Datasheet HTML 186Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 196 page
background image
13.13 EMB_FUNC_STATUS (12h) ...................................................127
13.14 FSM_STATUS (13h) ..........................................................128
13.15 MLC_STATUS (15h) ..........................................................128
13.16 PAGE_RW (17h) .............................................................129
13.17 EMB_FUNC_FIFO_EN_A (44h) ................................................129
13.18 EMB_FUNC_FIFO_EN_B (45h) ................................................130
13.19 FSM_ENABLE (46h)..........................................................130
13.20 FSM_LONG_COUNTER_L (48h) and FSM_LONG_COUNTER_H (49h) .............. 131
13.21 INT_ACK_MASK (4Bh) .......................................................132
13.22 FSM_OUTS1 (4Ch) ..........................................................133
13.23 FSM_OUTS2 (4Dh) ..........................................................133
13.24 FSM_OUTS3 (4Eh)...........................................................134
13.25 FSM_OUTS4 (4Fh)...........................................................134
13.26 FSM_OUTS5 (50h) ...........................................................135
13.27 FSM_OUTS6 (51h) ...........................................................135
13.28 FSM_OUTS7 (52h) ...........................................................136
13.29 FSM_OUTS8 (53h) ...........................................................136
13.30 SFLP_ODR (5Eh) ............................................................137
13.31 FSM_ODR (5Fh) .............................................................137
13.32 MLC_ODR (60h) .............................................................138
13.33 STEP_COUNTER_L (62h) and STEP_COUNTER_H (63h) .........................138
13.34 EMB_FUNC_SRC (64h).......................................................139
13.35 EMB_FUNC_INIT_A (66h).....................................................140
13.36 EMB_FUNC_INIT_B (67h).....................................................140
13.37 MLC1_SRC (70h) ............................................................141
13.38 MLC2_SRC (71h) ............................................................141
13.39 MLC3_SRC (72h) ............................................................141
13.40 MLC4_SRC (73h) ............................................................141
14
Embedded advanced features pages ............................................ 142
15
Embedded advanced features register description .............................. 145
15.1
Page 0 - embedded advanced features registers ..................................145
15.1.1
SFLP_GAME_GBIASX_L (6Eh) and SFLP_GAME_GBIASX_H (6Fh) .............. 145
15.1.2
SFLP_GAME_GBIASY_L (70h) and SFLP_GAME_GBIASY_H (71h) .............. 145
15.1.3
SFLP_GAME_GBIASZ_L (72h) and SFLP_GAME_GBIASZ_H (73h)............... 146
15.1.4
FSM_EXT_SENSITIVITY_L (BAh) and FSM_EXT_SENSITIVITY_H (BBh) .......... 146
15.1.5
FSM_EXT_OFFX_L (C0h) and FSM_EXT_OFFX_H (C1h) ...................... 147
LSM6DSV16X
Contents
DS13510 - Rev 1
page 182/196



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com