Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 120 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 120 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 116Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 117Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 118Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 119Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 120Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 121Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 122Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 123Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 124Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 400 page
background image
Peripherals
• 8, 16 and 24-bit sample width
• Low-jitter Master Clock generator
• Various sample rates
I2S
TXD.PTR
RXD.PTR
RXTXD.MAXCNT
PSEL.SCK
PSEL.LRCK
PSEL.MCK
PSEL.SDIN
Master clock
generator
CONFIG.MCKEN
CONFIG.MCKFREQ
Serial tranceiever
PSEL.SDOUT
CONFIG.MODE
CONFIG.FORMAT
CONFIG.RATIO
CONFIG.ALIGN
Div
Div
RAM
MCK
EasyDMA
Figure 23: I2S master
6.7.1 Mode
The I2S protocol specification defines two modes of operation, Master and Slave.
The I2S mode decides which of the two sides (Master or Slave) shall provide the clock signals LRCK and
SCK, and these signals are always supplied by the Master to the Slave.
6.7.2 Transmitting and receiving
The I2S module supports both transmission (TX) and reception (RX) of serial data. In both cases the serial
data is shifted synchronously to the clock signals SCK and LRCK.
TX data is written to the SDOUT pin on the falling edge of SCK, and RX data is read from the SDIN pin on
the rising edge of SCK. The most significant bit (MSB) is always transmitted first.
Note: When starting a transmission in master mode, two frames (two left-and-right sample pairs)
of value zero will be transmitted after triggering the START task, prior to the RXTXD.MAXCNT
samples specified by the TXD.PTR pointer.
TX and RX are available in both Master and Slave modes and can be enabled/disabled independently in
the CONFIG.TXEN on page 134 and CONFIG.RXEN on page 134.
Transmission and/or reception is started by triggering the START task. When started and transmission
is enabled (in CONFIG.TXEN on page 134), the TXPTRUPD event will be generated for every
RXTXD.MAXCNT on page 137 number of transmitted data words (containing one or more samples).
4418_1315 v2.0
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com