Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 122 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 122 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 118Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 119Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 120Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 121Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 122Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 123Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 124Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 125Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 126Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 400 page
background image
Peripherals
6.7.5 Master clock (MCK)
The master clock (MCK) is the clock from which LRCK and SCK are derived when operating in Master mode.
The MCK is generated by an internal MCK generator. This generator always needs to be enabled when in
Master mode, but the generator can also be enabled when in Slave mode. Enabling the generator when
in slave mode can be useful in the case where the external Master is not able to generate its own master
clock.
The MCK generator is enabled/disabled in the register CONFIG.MCKEN on page 134, and the generator
is started or stopped by the START or STOP tasks.
In Master mode the LRCK and the SCK frequencies are closely related, as both are derived from MCK and
set indirectly through CONFIG.RATIO on page 135 and CONFIG.SWIDTH on page 136.
When configuring these registers, the user is responsible for fulfilling the following requirements:
1. SCK frequency can never exceed the MCK frequency, which can be formulated as:
CONFIG.RATIO >= 2 * CONFIG.SWIDTH
2. The MCK/LRCK ratio shall be a multiple of 2 * CONFIG.SWIDTH, which can be formulated as:
Integer = (CONFIG.RATIO / (2 * CONFIG.SWIDTH))
The MCK signal can be routed to an output pin (specified in PSEL.MCK) to supply external I2S devices that
require the MCK to be supplied from the outside.
When operating in Slave mode, the I2S module does not use the MCK and the MCK generator does not
need to be enabled.
MCK
LRCK
SCK
RATIO =
MCK
LRCK
SWIDTH
Figure 25: Relation between RATIO, MCK and LRCK.
Desired LRCK
[Hz]
CONFIG.SWIDTH
CONFIG.RATIO CONFIG.MCKFREQ
MCK [Hz]
LRCK [Hz]
LRCK error
[%]
16000
16Bit
32X
32MDIV63
507936.5
15873.0
-0.8
16000
16Bit
64X
32MDIV31
1032258.1
16129.0
0.8
16000
16Bit
256X
32MDIV8
4000000.0
15625.0
-2.3
32000
16Bit
32X
32MDIV31
1032258.1
32258.1
0.8
32000
16Bit
64X
32MDIV16
2000000.0
31250.0
-2.3
44100
16Bit
32X
32MDIV23
1391304.3
43478.3
-1.4
44100
16Bit
64X
32MDIV11
2909090.9
45454.5
3.1
Table 45: Configuration examples
6.7.6 Width, alignment and format
The CONFIG.SWIDTH register primarily defines the sample width of the data written to memory. In master
mode, it then also sets the amount of bits per frame. In Slave mode it controls padding/trimming if
required. Left, right, transmitted, and received samples always have the same width. The CONFIG.FORMAT
4418_1315 v2.0
122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com