Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 129 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 129 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 125Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 126Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 127Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 128Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 129Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 130Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 131Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 132Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 133Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 400 page
background image
Peripherals
Register
Offset
Security Description
PUBLISH_RXPTRUPD
0x184
Publish configuration for event RXPTRUPD
PUBLISH_STOPPED
0x188
Publish configuration for event STOPPED
PUBLISH_TXPTRUPD
0x194
Publish configuration for event TXPTRUPD
INTEN
0x300
Enable or disable interrupt
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
ENABLE
0x500
Enable I2S module.
CONFIG.MODE
0x504
I2S mode.
CONFIG.RXEN
0x508
Reception (RX) enable.
CONFIG.TXEN
0x50C
Transmission (TX) enable.
CONFIG.MCKEN
0x510
Master clock generator enable.
CONFIG.MCKFREQ
0x514
Master clock generator frequency.
CONFIG.RATIO
0x518
MCK / LRCK ratio.
CONFIG.SWIDTH
0x51C
Sample width.
CONFIG.ALIGN
0x520
Alignment of sample within a frame.
CONFIG.FORMAT
0x524
Frame format.
CONFIG.CHANNELS
0x528
Enable channels.
RXD.PTR
0x538
Receive buffer RAM start address.
TXD.PTR
0x540
Transmit buffer RAM start address.
RXTXD.MAXCNT
0x550
Size of RXD and TXD buffers.
PSEL.MCK
0x560
Pin select for MCK signal.
PSEL.SCK
0x564
Pin select for SCK signal.
PSEL.LRCK
0x568
Pin select for LRCK signal.
PSEL.SDIN
0x56C
Pin select for SDIN signal.
PSEL.SDOUT
0x570
Pin select for SDOUT signal.
Table 49: Register overview
6.7.10.1 TASKS_START
Address offset: 0x000
Starts continuous I2S transfer. Also starts MCK generator when this is enabled.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
W
TASKS_START
Starts continuous I2S transfer. Also starts MCK generator when this is
enabled.
Trigger
1
Trigger task
6.7.10.2 TASKS_STOP
Address offset: 0x004
Stops I2S transfer. Also stops MCK generator. Triggering this task will cause the STOPPED event to be
generated.
4418_1315 v2.0
129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com