Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 131 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 131 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 127Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 128Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 129Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 130Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 131Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 132Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 133Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 134Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 135Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 400 page
background image
Peripherals
6.7.10.6 EVENTS_STOPPED
Address offset: 0x108
I2S transfer stopped.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
EVENTS_STOPPED
I2S transfer stopped.
NotGenerated
0
Event not generated
Generated
1
Event generated
6.7.10.7 EVENTS_TXPTRUPD
Address offset: 0x114
The TDX.PTR register has been copied to internal double-buffers. When the I2S module is started and TX is
enabled, this event will be generated for every RXTXD.MAXCNT words that are sent on the SDOUT pin.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
EVENTS_TXPTRUPD
The TDX.PTR register has been copied to internal double-buffers.
When the I2S module is started and TX is enabled, this event will be
generated for every RXTXD.MAXCNT words that are sent on the SDOUT
pin.
NotGenerated
0
Event not generated
Generated
1
Event generated
6.7.10.8 PUBLISH_RXPTRUPD
Address offset: 0x184
Publish configuration for event RXPTRUPD
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
B
A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
CHIDX
[255..0]
DPPI channel that event RXPTRUPD will publish to
B
RW
EN
Disabled
0
Disable publishing
Enabled
1
Enable publishing
6.7.10.9 PUBLISH_STOPPED
Address offset: 0x188
Publish configuration for event STOPPED
4418_1315 v2.0
131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com