Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 184 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 184 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 180Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 181Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 182Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 183Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 184Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 185Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 186Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 187Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 188Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 400 page
background image
Peripherals
RTC
TRIGOVRFLW
CLEAR
PRESCALER
CC[0:n]
COUNTER
START
TICK
OVRFLW
COMPARE[0:n]
CAPTURE[0:n]
STOP
32.768 kHz
LFCLK
Figure 51: RTC block diagram
The RTC module features a 24-bit COUNTER, a 12-bit (1/X) prescaler, compare registers, and a tick event
generator.
6.11.1 Clock source
The RTC will run off the LFCLK.
When started, the RTC will automatically request the LFCLK source with RC oscillator if the LFCLK is not
already running.
See CLOCK — Clock control on page 70 for more information about clock sources.
6.11.2 Resolution versus overflow and the prescaler
The relationship between the prescaler, counter resolution, and overflow is summarized in the following
table.
Prescaler
Counter resolution
Overflow
0
30.517 μs
512 seconds
28-1
7812.5 μs
131072 seconds
212-1
125 ms
582.542 hours
Table 62: RTC resolution versus overflow
The counter increment frequency is given by the following equation:
fRTC [kHz] = 32.768 / (PRESCALER + 1 )
The PRESCALER register can only be written when the RTC is stopped.
The prescaler is restarted on tasks START, CLEAR and TRIGOVRFLW. That is, the prescaler value is latched
to an internal register (<<PRESC>>) on these tasks.
Examples:
1. Desired COUNTER frequency 100 Hz (10 ms counter period)
PRESCALER = round(32.768 kHz / 100 Hz) - 1 = 327
fRTC = 99.9 Hz
10009.576 μs counter period
4418_1315 v2.0
184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com