Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 185 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 185 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 181Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 182Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 183Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 184Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 185Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 186Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 187Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 188Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 189Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 400 page
background image
Peripherals
2. Desired COUNTER frequency 8 Hz (125 ms counter period)
PRESCALER = round(32.768 kHz / 8 Hz) – 1 = 4095
fRTC = 8 Hz
125 ms counter period
6.11.3 Counter register
The internal <<COUNTER>> register increments on LFCLK when the internal PRESCALER register
(<<PRESC>>) is 0x00. <<PRESC>> is reloaded from the PRESCALER register. If enabled, the TICK event
occurs on each increment of the COUNTER.
PCLK16M
LFCLK
PRESC
<<PRESC>>
0x000
0x000
0x000
0x000
TICK
<<COUNTER>>
0x000002
0x000003
0x000
0x000001
0x000000
Figure 52: Timing diagram - COUNTER_PRESCALER_0
PCLK16M
LFCLK
PRESC
<<PRESC>>
0x001
0x001
0x000
0x001
TICK
<<COUNTER>>
0x000001
0x000
0x000000
Figure 53: Timing diagram - COUNTER_PRESCALER_1
6.11.3.1 Reading the counter register
To read the COUNTER register, the internal <<COUNTER>> value is sampled.
To ensure that the <<COUNTER>> is safely sampled (considering that an LFCLK transition may occur during
a read), the CPU and core memory bus are halted for PCLK16M cycles. In addition, the read takes the CPU
two PCLK16M cycles, resulting in the COUNTER register read taking maximum six PCLK16M clock cycles.
6.11.4 Overflow
An OVRFLW event is generated on COUNTER register overflow (overflowing from 0xFFFFFF to 0).
The TRIGOVRFLW task will set the COUNTER value to 0xFFFFF0, to allow software test of the overflow
condition.
Note: The OVRFLW event is disabled by default.
4418_1315 v2.0
185



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com