Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 200 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 200 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 196Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 197Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 198Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 199Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 200Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 201Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 202Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 203Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 204Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 400 page
background image
Peripherals
due to high source impedance and sampling jitter. For battery measurement, the DC errors are most
noticeable.
The ADC has a wide selection of gains controlled in the GAIN field of the CH[n].CONFIG register. If
CH[n].CONFIG.REFSEL=0, the input range of the ADC core is nominally ±0.6 V differential and the input
must be scaled accordingly.
The ADC has a temperature dependent offset. If the ADC is to operate over a large temperature range, we
recommend running CALIBRATEOFFSET at regular intervals. The CALIBRATEDONE event will be fired when
the calibration has been completed. Note that the DONE and RESULTDONE events will also be generated.
6.12.3 Analog inputs and channels
Up to eight analog input channels, CH[n](n=0..7), can be configured.
Any one of the available channels can be enabled for the ADC to operate in one-shot mode. If more than
one CH[n] is configured, the ADC enters scan mode.
An analog input is selected as a positive converter input if CH[n].PSELP is set, setting CH[n].PSELP also
enables the particular channel.
An analog input is selected as a negative converter input if CH[n].PSELN is set. The CH[n].PSELN register
will have no effect unless differential mode is enabled, see MODE field in CH[n].CONFIG register.
If more than one of the CH[n].PSELP registers is set, the device enters scan mode. Input selections in scan
mode are controlled by the CH[n].PSELP and CH[n].PSELN registers, where CH[n].PSELN is only used if the
particular scan channel is specified as differential, see MODE field in CH[n].CONFIG register.
6.12.4 Operation modes
The ADC input configuration supports one-shot mode, continuous mode and scan mode.
Note: Scan mode and oversampling cannot be combined.
The ADC indicates a single ongoing conversion via the register STATUS on page 219. During scan
mode, oversampling, or continuous modes, more than a single conversion take place in the ADC. As
consequence, the value reflected in STATUS register will toggle at the end of each single conversion.
6.12.4.1 One-shot mode
One-shot operation is configured by enabling only one of the available channels defined by CH[n].PSELP,
CH[n].PSELN, and CH[n].CONFIG registers.
Upon a SAMPLE task, the ADC starts to sample the input voltage. The CH[n].CONFIG.TACQ controls the
acquisition time.
A DONE event signals that one sample has been taken.
In this mode, the RESULTDONE event has the same meaning as DONE when no oversampling takes place.
Note that both events may occur before the actual value has been transferred into RAM by EasyDMA. For
more information, see EasyDMA on page 202.
6.12.4.2 Continuous mode
Continuous sampling can be achieved by using the internal timer in the ADC, or triggering the SAMPLE task
from one of the general purpose timers through the PPI system.
Care shall be taken to ensure that the sample rate fulfils the following criteria, depending on how many
channels are active:
fSAMPLE < 1/(tACQ + tconv)
4418_1315 v2.0
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com