Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 201 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 201 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 197Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 198Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 199Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 200Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 201Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 202Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 203Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 204Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 205Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 400 page
background image
Peripherals
The SAMPLERATE register can be used as a local timer instead of triggering individual SAMPLE tasks. When
SAMPLERATE.MODE is set to Timers, it is sufficient to trigger SAMPLE task only once in order to start the
SAADC and triggering the STOP task will stop sampling. The SAMPLERATE.CC field controls the sample rate.
The SAMPLERATE timer mode cannot be combined with SCAN mode, and only one channel can be
enabled in this mode.
A DONE event signals that one sample has been taken.
In this mode, the RESULTDONE event has the same meaning as DONE when no oversampling takes place.
Note that both events may occur before the actual value has been transferred into RAM by EasyDMA.
6.12.4.3 Oversampling
An accumulator in the ADC can be used to average noise on the analog input. In general, oversampling
improves the signal-to-noise ratio (SNR). Oversampling, however, does not improve the integral non-
linearity (INL), or differential non-linearity (DNL).
Oversampling and scan should not be combined, since oversampling and scan will average over input
channels.
The accumulator is controlled in the OVERSAMPLE register. The SAMPLE task must be set 2OVERSAMPLE
number of times before the result is written to RAM. This can be achieved by:
• Configuring a fixed sampling rate using the local timer or a general purpose timer and the PPI system to
trigger a SAMPLE task
• Triggering SAMPLE 2OVERSAMPLE times from software
• Enabling BURST mode
CH[n].CONFIG.BURST can be enabled to avoid setting SAMPLE task 2OVERSAMPLE times. With BURST = 1 the
ADC will sample the input 2OVERSAMPLE times as fast as it can (actual timing: <(tACQ+tCONV)×2OVERSAMPLE).
Thus, for the user it will just appear like the conversion took a bit longer time, but other than that, it is
similar to one-shot mode.
A DONE event signals that one sample has been taken.
In this mode, the RESULTDONE event signals that enough conversions have taken place for an
oversampled result to get transferred into RAM. Note that both events may occur before the actual value
has been transferred into RAM by EasyDMA.
6.12.4.4 Scan mode
A channel is considered enabled if CH[n].PSELP is set. If more than one channel, CH[n], is enabled, the ADC
enters scan mode.
In scan mode, one SAMPLE task will trigger one conversion per enabled channel. The time it takes to
sample all channels is:
Total time < Sum(CH[x].tACQ+tCONV), x=0..enabled channels
A DONE event signals that one sample has been taken.
In this mode, the RESULTDONE event signals has the same meaning as DONE when no oversampling
takes place. Note that both events may occur before the actual values have been transferred into RAM by
EasyDMA.
The figure below provides an example of results placement in Data RAM, with an even RESULT.MAXCNT. In
this example, channels 1, 2 and 5 are enabled, all others are disabled.
4418_1315 v2.0
201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com