Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 220 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 220 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 216Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 217Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 218Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 219Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 220Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 221Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 222Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 223Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 224Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 400 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
NC
0
Not connected
AnalogInput0
1
AIN0
AnalogInput1
2
AIN1
AnalogInput2
3
AIN2
AnalogInput3
4
AIN3
AnalogInput4
5
AIN4
AnalogInput5
6
AIN5
AnalogInput6
7
AIN6
AnalogInput7
8
AIN7
VDDGPIO
9
VDD_GPIO
6.12.10.31 CH[n].PSELN (n=0..7)
Address offset: 0x514 + (n × 0x10)
Input negative pin selection for CH[n]
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
PSELN
Analog negative input, enables differential channel
NC
0
Not connected
AnalogInput0
1
AIN0
AnalogInput1
2
AIN1
AnalogInput2
3
AIN2
AnalogInput3
4
AIN3
AnalogInput4
5
AIN4
AnalogInput5
6
AIN5
AnalogInput6
7
AIN6
AnalogInput7
8
AIN7
VDD_GPIO
9
VDD_GPIO
6.12.10.32 CH[n].CONFIG (n=0..7)
Address offset: 0x518 + (n × 0x10)
Input configuration for CH[n]
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
G
F
E E E
D
C C C
B B
A A
Reset 0x00020000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
RESP
Positive channel resistor control
Bypass
0
Bypass resistor ladder
Pulldown
1
Pull-down to GND
Pullup
2
Pull-up to VDD_GPIO
VDD1_2
3
Set input at VDD_GPIO/2
B
RW
RESN
Negative channel resistor control
Bypass
0
Bypass resistor ladder
Pulldown
1
Pull-down to GND
4418_1315 v2.0
220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com