Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 224 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 224 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 220Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 221Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 222Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 223Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 224Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 225Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 226Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 227Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 228Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 400 page
background image
Peripherals
Symbol
Description
Min.
Typ.
Max.
Units
tACQ,200k
Acquisition time (configurable), source Resistance <=
200kOhm
15
µs
tACQ,400k
Acquisition time (configurable), source Resistance <=
400kOhm
20
µs
tACQ,800k
Acquisition time (configurable), source Resistance <=
800kOhm
40
µs
tCONV
Conversion time
<2
µs
EG1/6
Errorb for Gain = 1/6
-3
3
%
EG1/4
Errorb for Gain = 1/4
-3
3
%
EG1/2
Errorb for Gain = 1/2
-3
4
%
EG1
Errorb for Gain = 1
-3
4
%
CSAMPLE
Sample and hold capacitance at maximum gain13
2.5
pF
RINPUT
Input resistance
>1
MΩ
ENOB
Effective number of bits, differential mode, 12-bit
resolution, 1/1 gain, 3 µs acquisition time, HFXO, 200 ksps
9
Bit
SNDR
Peak signal to noise and distortion ratio, differential mode,
12-bit resolution, 1/1 gain, 3 µs acquisition time, HFXO, 200
ksps
56
dB
SFDR
Spurious free dynamic range, differential mode, 12-bit
resolution, 1/1 gain, 3 µs acquisition time, HFXO, 200 ksps
70
dBc
RLADDER
Ladder resistance
160
kΩ
6.12.12 Performance factors
Clock jitter, affecting sample timing accuracy, and circuit noise can affect ADC performance.
Jitter can be between START tasks or from START task to acquisition. START timer accuracy and startup
times of regulators and references will contribute to variability. Sources of circuit noise may include CPU
activity and the DC/DC regulator. Best ADC performance is achieved using START timing based on the
TIMER module, HFXO clock source, and Constant Latency mode.
6.13 SPIM — Serial peripheral interface master with
EasyDMA
The SPI master can communicate with multiple slaves using individual chip select signals for each of the
slave devices attached to a bus.
Listed here are the main features for the SPIM
• SPI mode 0-3
• EasyDMA direct transfer to/from RAM for both SPI Slave and SPI Master
• Individual selection of IO pin for each SPI signal
b Does not include temperature drift
13 Maximum gain corresponds to highest capacitance.
4418_1315 v2.0
224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com