Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 227 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 227 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 223Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 224Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 225Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 226Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 227Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 228Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 229Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 230Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 231Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 400 page
background image
Peripherals
6.13.3 Shared resources
The SPI shares registers and other resources with other peripherals that have the same ID as the SPI.
Therefore, the user must disable all peripherals that have the same ID as the SPI before the SPI can be
configured and used.
Disabling a peripheral that has the same ID as the SPI will not reset any of the registers that are shared
with the SPI. It is therefore important to configure all relevant SPI registers explicitly to secure that it
operates correctly.
See the Instantiation table in Instantiation on page 24 for details on peripherals and their IDs.
6.13.4 EasyDMA
The SPIM implements EasyDMA for accessing RAM without CPU involvement.
The SPIM peripheral implements the following EasyDMA channels:
Channel
Type
Register Cluster
TXD
READER
TXD
RXD
WRITER
RXD
Table 72: SPIM EasyDMA Channels
For detailed information regarding the use of EasyDMA, see EasyDMA on page 45.
The .PTR and .MAXCNT registers are double-buffered. They can be updated and prepared for the next
transmission immediately after having received the STARTED event.
The SPI master will automatically stop transmitting after TXD.MAXCNT bytes have been transmitted
and RXD.MAXCNT bytes have been received. If RXD.MAXCNT is larger than TXD.MAXCNT, the remaining
transmitted bytes will contain the value defined in the ORC register. If TXD.MAXCNT is larger than
RXD.MAXCNT, the superfluous received bytes will be discarded.
The ENDRX/ENDTX event indicate that EasyDMA has finished accessing respectively the RX/TX buffer in
RAM. The END event gets generated when both RX and TX are finished accessing the buffers in RAM.
In the case of bus congestion as described in AHB multilayer interconnect on page 47, data loss may occur.
6.13.5 Low power
When putting the system in low power and the peripheral is not needed, lowest possible power
consumption is achieved by stopping, and then disabling the peripheral.
The STOP task may not be always needed (the peripheral might already be stopped), but if it is sent,
software shall wait until the STOPPED event was received as a response before disabling the peripheral
through the ENABLE register.
4418_1315 v2.0
227



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com