Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 280 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 280 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 276Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 277Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 278Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 279Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 280Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 281Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 282Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 283Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 284Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 400 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
E
D
C B A
Reset 0x00000017
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 1 1 1
ID
R/W
Field
Value ID
Value
Description
Disable
0
Block read operation from RAM region n
D
RW
SECATTR
Security attribute for RAM region n
Non_Secure
0
RAM region n security attribute is non-secure
Secure
1
RAM region n security attribute is secure
E
RW
LOCK
Unlocked
0
This register can be updated
Locked
1
The content of this register can't be changed until the next reset
6.15.9.22 PERIPHID[n].PERM (n=0..66)
Address offset: 0x800 + (n × 0x4)
List capabilities and access permissions for the peripheral with ID n
Note: Reset values are unique per peripheral instantation. Please refer to the peripheral
instantiation table. Entries not listed in the instantiation table are undefined.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
F
E
D C B B A A
Reset 0x00000012
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 1 0
ID
R/W
Field
Value ID
Value
Description
A
R
SECUREMAPPING
Define configuration capabilities for TrustZone Cortex-M secure
attribute
NonSecure
0
This peripheral is always accessible as a non-secure peripheral
Secure
1
This peripheral is always accessible as a secure peripheral
UserSelectable
2
Non-secure or secure attribute for this peripheral is defined by the
PERIPHID[n].PERM register
Split
3
This peripheral implements the split security mechanism. Non-
secure or secure attribute for this peripheral is defined by the
PERIPHID[n].PERM register.
B
R
DMA
Indicate if the peripheral has DMA capabilities and if DMA transfer can
be assigned to a different security attribute than the peripheral itself
NoDMA
0
Peripheral has no DMA capability
NoSeparateAttribute
1
Peripheral has DMA and DMA transfers always have the same security
attribute as assigned to the peripheral
SeparateAttribute
2
Peripheral has DMA and DMA transfers can have a different security
attribute than the one assigned to the peripheral
C
RW
SECATTR
Peripheral security mapping
Note: This bit has effect only if
PERIPHID[n].PERM.SECUREMAPPING reads as
UserSelectable or Split
Secure
1
Peripheral is mapped in secure peripheral address space
NonSecure
0
If SECUREMAPPING == UserSelectable: Peripheral is mapped in non-
secure peripheral address space.
If SECUREMAPPING == Split: Peripheral is mapped in non-secure and
secure peripheral address space.
4418_1315 v2.0
280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com