Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 282 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 282 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 278Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 279Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 280Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 281Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 282Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 283Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 284Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 285Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 286Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 400 page
background image
Peripherals
In Timer mode, the TIMER's internal Counter register is incremented by one for every tick of the timer
frequency fTIMER as illustrated in Block schematic for timer/counter on page 281. The timer frequency
is derived from PCLK16M as shown in the following example, using the values specified in the PRESCALER
register.
fTIMER = 16 MHz / (2PRESCALER)
When fTIMER ≤ 1 MHz, TIMER will use PCLK1M instead of PCLK16M for reduced power consumption.
In counter mode, the TIMER's internal Counter register is incremented by one each time the COUNT task
is triggered, meaning the timer frequency and the prescaler are not utilized in counter mode. Similarly, the
COUNT task has no effect in Timer mode.
The TIMER's maximum value is configured by changing the bit-width of the timer in register BITMODE on
page 289.
PRESCALER on page 289 and BITMODE on page 289 must only be updated when the timer is stopped.
If these registers are updated while the timer is started, unpredictable behavior may occur.
When the timer is incremented beyond its maximum value, the Counter register will overflow and the
timer will automatically start over from zero.
The Counter register can be cleared by triggering the CLEAR task. This will explicitly set the internal value
to zero.
TIMER implements multiple capture/compare registers.
Independent of prescaler setting, the accuracy of TIMER is equivalent to one tick of the timer frequency
fTIMER as illustrated in Block schematic for timer/counter on page 281.
6.16.1 Capture
TIMER implements one capture task for every available capture/compare register.
Every time the CAPTURE[n] task is triggered, the Counter value is copied to the CC[n] register.
6.16.2 Compare
TIMER implements one COMPARE event for every available capture/compare register.
A COMPARE event is generated when the Counter is incremented and then becomes equal to the
value specified in one of the capture compare registers. When the Counter value becomes equal to the
value specified in a capture compare register CC[n], the corresponding compare event COMPARE[n] is
generated.
BITMODE on page 289 specifies how many bits of the Counter register and the capture/compare
register that are used when the comparison is performed. Other bits will be ignored.
The COMPARE event can be configured to operate in one-shot mode by configuring the corresponding
ONESHOTEN[n] register. COMPARE[n] event is generated the first time the Counter matches CC[n] after
CC[n] has been written.
6.16.3 Task delays
After TIMER is started, the CLEAR, COUNT, and STOP tasks are guaranteed to take effect within one clock
cycle of the PCLK16M.
6.16.4 Task priority
4418_1315 v2.0
282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com