Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 289 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 289 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 285Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 286Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 287Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 288Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 289Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 290Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 291Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 292Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 293Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 400 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
MODE
Timer mode
Timer
0
Select Timer mode
Counter
1
Select Counter mode
This enumerator is deprecated.
LowPowerCounter
2
Select Low Power Counter mode
6.16.5.19 BITMODE
Address offset: 0x508
Configure the number of bits used by the TIMER
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
BITMODE
Timer bit width
16Bit
0
16 bit timer bit width
08Bit
1
8 bit timer bit width
24Bit
2
24 bit timer bit width
32Bit
3
32 bit timer bit width
6.16.5.20 PRESCALER
Address offset: 0x510
Timer prescaler register
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A
Reset 0x00000004
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
PRESCALER
[0..9]
Prescaler value
6.16.5.21 ONESHOTEN[n] (n=0..5)
Address offset: 0x514 + (n × 0x4)
Enable one-shot operation for Capture/Compare channel n
4418_1315 v2.0
289



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com