Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 292 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 292 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 288Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 289Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 290Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 291Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 292Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 293Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 294Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 295Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 296Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 400 page
background image
Peripherals
6.17.1 Shared resources
The TWI master shares registers and other resources with other peripherals that have the same ID as the
TWI master. Therefore, you must disable all peripherals that have the same ID as the TWI master before
the TWI master can be configured and used.
Disabling a peripheral that has the same ID as the TWI master will not reset any of the registers that are
shared with the TWI master. It is therefore important to configure all relevant registers explicitly to secure
that the TWI master operates correctly.
The Instantiation table in Instantiation on page 24 shows which peripherals have the same ID as the TWI.
6.17.2 EasyDMA
The TWIM implements EasyDMA for accessing RAM without CPU involvement.
The TWIM peripheral implements the EasyDMA channels found in the following table.
Channel
Type
Register Cluster
TXD
READER
TXD
RXD
WRITER
RXD
Table 89: TWIM EasyDMA Channels
For detailed information regarding the use of EasyDMA, see EasyDMA on page 45.
The .PTR and .MAXCNT registers are double-buffered. They can be updated and prepared for the next RX/
TX transmission immediately after having received the RXSTARTED/TXSTARTED event.
The STOPPED event indicates that EasyDMA has finished accessing the buffer in RAM.
6.17.3 Master write sequence
A TWI master write sequence is started by triggering the STARTTX task. After the STARTTX task has been
triggered, the TWI master will generate a start condition on the TWI bus, followed by clocking out the
address and the READ/WRITE bit set to 0 (WRITE=0, READ=1).
The address must match the address of the slave device that the master wants to write to. The READ/
WRITE bit is followed by an ACK/NACK bit (ACK=0 or NACK=1) generated by the slave.
After receiving the ACK bit, the TWI master will clock out the data bytes found in the transmit buffer
located in RAM at the address specified in the TXD.PTR register. Each byte clocked out from the master will
be followed by an ACK/NACK bit clocked in from the slave.
A typical TWI master write sequence is shown in the following figure. Occurrence 2 in the figure illustrates
clock stretching performed by the TWI master following a SUSPEND task.
A SUSPENDED event indicates that the SUSPEND task has taken effect. This event can be used to
synchronize the software.
The TWI master will generate a LASTTX event when it starts to transmit the last byte, this is shown in the
following figure.
4418_1315 v2.0
292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com