Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SICA-R7 Datasheet(PDF) 295 Page - Nordic Semiconductor

Part # NRF9160-SICA-R7
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-R7 Datasheet(HTML) 295 Page - Nordic Semiconductor

Back Button NRF9160-SICA-R7 Datasheet HTML 291Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 292Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 293Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 294Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 295Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 296Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 297Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 298Page - Nordic Semiconductor NRF9160-SICA-R7 Datasheet HTML 299Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 400 page
background image
Peripherals
1
ADDR
0
0
1
5
ADDR
0
2
4
Stretch
ADDR
3
Figure 94: Double repeated start sequence
6.17.6 Low power
When putting the system in low power and the peripheral is not needed, lowest possible power
consumption is achieved by stopping, and then disabling the peripheral.
When the STOP task is sent, the software shall wait until the STOPPED event is received as a response
before disabling the peripheral through the ENABLE register. If the peripheral is already stopped, the STOP
task is not required.
6.17.7 Master mode pin configuration
The SCL and SDA signals associated with the TWI master are mapped to physical pins according to the
configuration specified in the PSEL.SCL and PSEL.SDA registers respectively.
The PSEL.SCL and PSEL.SDA registers and their configurations are only used as long as the TWI master is
enabled, and retained only as long as the device is in ON mode. When the peripheral is disabled, the pins
will behave as regular GPIOs, and use the configuration in their respective OUT bit field and PIN_CNF[n]
register. PSEL.SCL, PSEL.SDA must only be configured when the TWI master is disabled.
To secure correct signal levels on the pins used by the TWI master when the system is in OFF mode, and
when the TWI master is disabled, these pins must be configured in the GPIO peripheral as described in the
following table.
Only one peripheral can be assigned to drive a particular GPIO pin at a time. Failing to do so may result in
unpredictable behavior.
TWI master signal
TWI master pin
Direction
Output value
Drive strength
SCL
As specified in PSEL.SCL
Input
Not applicable
S0D1
SDA
As specified in PSEL.SDA
Input
Not applicable
S0D1
Table 90: GPIO configuration before enabling peripheral
4418_1315 v2.0
295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com