Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1950IGN Datasheet(PDF) 7 Page - Linear Technology

Part # LT1950IGN
Description  Single Switch PWM Controller with Auxiliary Boost Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1950IGN Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1950IGN Datasheet HTML 3Page - Linear Technology LT1950IGN Datasheet HTML 4Page - Linear Technology LT1950IGN Datasheet HTML 5Page - Linear Technology LT1950IGN Datasheet HTML 6Page - Linear Technology LT1950IGN Datasheet HTML 7Page - Linear Technology LT1950IGN Datasheet HTML 8Page - Linear Technology LT1950IGN Datasheet HTML 9Page - Linear Technology LT1950IGN Datasheet HTML 10Page - Linear Technology LT1950IGN Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT1950
7
sn1950 1950fs
BLANK (Pin 9): The BLANK pin is used to adjust the
leading edge blanking period of the current sense amplifier
during FET turn-on. Shorting the BLANK pin to ground
provides a default blanking period of approximately 110ns.
A resistor from the BLANK pin to ground increases the
blanking period up to 290ns for RBLANK = 75k.
ISENSE (Pin 10): The ISENSE pin is the current sense input
for the control loop. Connect this pin to the sense resistor
in the source of the external power MOSFET.
VIN2 (Pin 11): The VIN2 pin is the supply pin for the
MOSFET gate drive circuit. Power can be supplied to this
pin by an external supply such as VIN, and must exceed 8V
(the undervoltage lockout threshold for the gate driver
supply). For low VIN supply voltages an internal boost
regulator can be used to generate as much as 11V at the
VIN2 pin. This allows the LT1950 to run with VIN supply
voltages down to 3V while still supplying enough gate
drive for standard level MOSFETs.
GATE (PIN 12): The GATE pin is the output of a high current
gate drive circuit used to drive an external MOSFET. The
output is actively clamped to a max voltage of 13V if VIN2
is supplied by a high voltage.
PGND (Pin 13): This is the ground connection for the high
current gate driver stage. See the Applications Informa-
tion section for recommendations on ground connec-
tions.
PI FU CTIO S
BOOST (Pin 14): The BOOST pin is the NPN collector
output of the internal boost converter which can be used
to generate an 11V supply for the MOSFET gate driver
circuit. The boost converter runs with a fixed off-time of
0.5
µs and a current limit of 125mA. The converter runs
until the VIN2 voltage exceeds 11V and then turns off until
the VIN2 voltage drops below 10V. If the VIN2 voltage is
supplied externally, the BOOST pin should be shorted to
ground or left open.
VIN (Pin 15): The VIN pin is the main supply pin for the
LT1950. This pin must be closely bypassed to ground. If
VIN2 is generated using the BOOST pin then the LT1950
will be fully functional, internal VREF will be active and the
gate output will be enabled with a VIN voltage as low as 3V.
An internal undervoltage lockout threshold exists at ap-
proximately 2.6V on the VIN pin. Undervoltage lockout
voltages greater than 3V can be programmed using a
voltage divider on the SHDN pin.
VSEC (Pin 16): The VSEC pin is used to program the
maximum duty cycle of the gate driver circuit. The maxi-
mum duty cycle will be equal to (105/VSEC)% for VSEC
between 1.4V and 2.8V. This is a useful function to limit the
flyback voltage in a forward converter. If the maximum
duty cycle function is not used then the VSEC pin should be
tied to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com