Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1950IGN Datasheet(PDF) 14 Page - Linear Technology

Part # LT1950IGN
Description  Single Switch PWM Controller with Auxiliary Boost Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1950IGN Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1950IGN Datasheet HTML 10Page - Linear Technology LT1950IGN Datasheet HTML 11Page - Linear Technology LT1950IGN Datasheet HTML 12Page - Linear Technology LT1950IGN Datasheet HTML 13Page - Linear Technology LT1950IGN Datasheet HTML 14Page - Linear Technology LT1950IGN Datasheet HTML 15Page - Linear Technology LT1950IGN Datasheet HTML 16Page - Linear Technology LT1950IGN Datasheet HTML 17Page - Linear Technology LT1950IGN Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LT1950
14
sn1950 1950fs
APPLICATIO S I FOR ATIO
Programming Leading Edge Blank Time
For PWM controllers driving external MOSFETs, noise can
be generated during GATE rise time due to various para-
sitic effects. This noise can disturb the input to the current
sense comparator (ISENSE) and cause premature turn-off
of the external MOSFET. The LT1950 provides program-
mable leading edge blanking of the current sense com-
parator to avoid this effect.
Blanking is provided in 2 phases: The first phase is during
GATE rise time. GATE rise times vary depending on
MOSFET type. For this reason the LT1950 automatically
blanks the current comparator output until the “leading
edge” of the GATE is detected. This occurs when the GATE
voltage has risen within 0.5V of the output driver supply
(VIN2) or has reached its clamp level of 13V. The second
phase of blanking starts immediately after “leading edge”
has been detected. This phase is programmable using a
resistor (RBLANK) from the BLANK pin to ground. Typical
values for this portion of the blanking period are 110ns at
RBLANK = 0Ω up to 290ns at RBLANK = 75k. Figure 8 shows
blanking vs RBLANK. Blanking duration can be approxi-
mated as:
BLANKING EXTENDED
R
k
ns
BLANK
()
•
=+


110
60
25
Figure 8. Blanking Timing Diagram
1950 F04
RBLANK = 0Ω
0
Ω < RBLANK < = 75k
60ns
(AUTOMATIC)
LEADING
EDGE
BLANKING
(DEFAULT)
EXTENDED
BLANKING
(PROGRAMMABLE)
EXTENDED
BLANKING
CURRENT
SENSE
DELAY
GATE
BLANKING
0
Xns
(X + 110)ns
[X + 110 + (60 • RBLANK/25k)]ns
Programming Volt-Second Clamp
The VSEC pin is used to provide an adaptive maximum duty
cycle clamp for sophisticated control of the simplest
forward converter topology (single primary-side switch).
This adaptive maximum duty cycle clamp allows the use of
the smallest transformers, MOSFETs and output rectifiers
by addressing the biggest concern in single switch for-
ward converter topologies - transformer reset. The sec-
tion “Application Circuits-Forward Converter Applications”
covers transformer reset requirements and highlights the
advantages of the LT1950 adaptive maximum duty cycle
clamp. The programmable maximum duty cycle clamp is
controlled by the voltage on the VSEC pin. As voltage on the
VSEC pin increases within a specified range, maximum
duty cycle decreases. By deriving VSEC pin voltage from
the system input supply, a volt-second clamp is realized.
Maximum GATE output duty cycle follows a 1/X relation-
ship given by (105/VSEC)%. (see Maximum Duty Cycle vs
VSEC Voltage graph in the Typical Performance Character-
istics section). For example, if the minimum input supply
for a forward converter application is 36V, the VSEC pin can
be programmed with a maximum duty cycle of 75% at
1.4V. A movement of input voltage to 72V will lift the VSEC
pin to 2.8V, resulting in a maximum duty cycle of 37.5%.
As the section on Forward Converter Applications will
show, transformer reset requirements are met with the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com