Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1950IGN Datasheet(PDF) 18 Page - Linear Technology

Part # LT1950IGN
Description  Single Switch PWM Controller with Auxiliary Boost Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1950IGN Datasheet(HTML) 18 Page - Linear Technology

Back Button LT1950IGN Datasheet HTML 12Page - Linear Technology LT1950IGN Datasheet HTML 13Page - Linear Technology LT1950IGN Datasheet HTML 14Page - Linear Technology LT1950IGN Datasheet HTML 15Page - Linear Technology LT1950IGN Datasheet HTML 16Page - Linear Technology LT1950IGN Datasheet HTML 17Page - Linear Technology LT1950IGN Datasheet HTML 18Page - Linear Technology LT1950IGN Datasheet HTML 19Page - Linear Technology LT1950IGN Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LT1950
18
sn1950 1950fs
APPLICATIO S I FOR ATIO
Figure 14. 4V to 36V Input, 12V/1.5A Automotive SEPIC Converter
COMP
FB
ROSC
SYNC
SLOPE
VREF
SHDN
GND
VSEC
VIN
BOOST
PGND
GATE
VIN2
ISENSE
BLANK
LT1950
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
R4
133k
R10
0.010
Ω
R3
18k
R5
16.2k
R7
71.5k
C1
2200pF
C5
10
µF
50V
VIN
VIN
4V TO 36V
+VOUT
CIN
10
µF
50V
TDK
COUT
47
µF, 16V
X5R, TDK
×4
+VOUT
12V, 1.5A
C2
0.1
µF
C6
0.01
µF
C3
4.7
µF
16V
C4
4.7
µF
16V
R8
47k
R9, 47
Ω
R6
35.7k
R1
10.5k
R2
1.21k
3.3V BIAS
Q1
Si7456
D2
BAS516
L1
4.7
µH
L2*
L3*
D1
MBRD660CT
*L2, L3 (COUPLED INDUCTORS)
VP5-0155



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com