Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1950IGN Datasheet(PDF) 9 Page - Linear Technology

Part # LT1950IGN
Description  Single Switch PWM Controller with Auxiliary Boost Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1950IGN Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1950IGN Datasheet HTML 5Page - Linear Technology LT1950IGN Datasheet HTML 6Page - Linear Technology LT1950IGN Datasheet HTML 7Page - Linear Technology LT1950IGN Datasheet HTML 8Page - Linear Technology LT1950IGN Datasheet HTML 9Page - Linear Technology LT1950IGN Datasheet HTML 10Page - Linear Technology LT1950IGN Datasheet HTML 11Page - Linear Technology LT1950IGN Datasheet HTML 12Page - Linear Technology LT1950IGN Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT1950
9
sn1950 1950fs
increases the range of MOSFETs that can be selected and
allows applications requiring high gate drive with a large
swing in VIN voltage. When VIN2 exceeds 8V, the GATE
output driver is enabled. The GATE switches between 0V
and VIN2 at a constant frequency set by a resistor from the
ROSC pin to ground. When VIN2 reaches 11V, the internal
switcher at the BOOST pin is disabled to save power and
only re-enabled when VIN2 drops below 10V. The internal
boost switcher runs in burst mode operation, asynchro-
nous to the main oscillator. If low VIN operation with high
GATE drive is not required, the BOOST pin is left open and
the VIN2 pin shorted to VIN. With VIN2 shorted to VIN the
minimum operational VIN voltage will increase from 3V to
8V (required at VIN2 to enable the GATE output driver). For
GATE turn on, a PWM latch is set at the start of each main
oscillator cycle. For GATE turn off, the PWM latch is reset
when either the current sense comparator is tripped, the
maximum duty cycle is reached, or the BLANK override
threshold is exceeded.
A resistor divider from the application’s output voltage
generates a voltage at the FB pin that is compared to the
internal 1.23V reference by the error amplifier. The error
amplifier output (COMP) defines the input threshold
(ISENSE) of the current sense comparator. Maximum ISENSE
voltage is clamped to 100mV. By connecting ISENSE to a
sense resistor in series with the source of the external
MOSFET, the peak switch current is controlled by COMP.
An increase in output load current causing the output
voltage to fall, will cause COMP to rise, increasing ISENSE
threshold, increasing the current delivered to the output.
This current mode technique means that the error ampli-
fier commands current to be delivered to the output rather
than voltage. This makes frequency compensation easier
and provides faster loop response to output load tran-
sients.
The current mode architecture requires slope compensa-
tion to be added to the current sensing loop to prevent
subharmonic oscillations which can occur for duty cycles
above 50%. Unlike most current mode converters which
have a slope compensation ramp that is fixed internally,
placing a constraint on inductor value and operating
frequency, the LT1950 has externally adjustable slope
OPERATIO
compensation. A default level of slope compensation is
achieved with the SLOPE pin open. Increased slope com-
pensation can be programmed by reducing the value of
resistance inserted between the SLOPE pin and VREF pin.
A SYNC pin allows the LT1950 main oscillator to be
synchronized to an external clock . To avoid loss of slope
compensation during synchronization, the free running
main oscillator frequency should be programmed to ap-
proximately 80% of the external clock frequency.
The LT1950 can be placed into shutdown mode when the
SHDN pin drops below an accurate 1.32V threshold. This
threshold can be used to program undervoltage lockout
(UVLO) at VIN for current limited or high source resistance
supplies. SHDN pin current hysteresis also exists to allow
external programming of UVLO voltage hysteresis. When
VIN and VIN2 exceed internally set UVLO thresholds of 2.6V
and 6.8V, the VREF output becomes active. The VREF output
is a 2.5V reference supplying the majority of LT1950
control circuitry and capable of sourcing up to 2.5mA for
external use.
To prevent noise in the system causing premature turn off
of the external MOSFET the LT1950 has leading edge
blanking. This means the current sense comparator out-
put is ignored during MOSFET turn on and for an extended
period after turn on. The extended blanking period is
adjusted by inserting a resistor from the BLANK pin to
ground. A short to ground defines a minimum default
blanking period. Increased resistance from the BLANK pin
to ground will increase blanking duration. Fault conditions
causing ISENSE to exceed 125mV will override blanking
and reduce the ISENSE to GATE delay to 60ns.
For applications requiring maximum duty cycle clamping,
the VSEC pin reduces duty cycle for increased voltage on
the pin. The VSEC pin provides a volt-second clamp critical
in forward converter applications.
Maximum duty cycle follows (105/VSEC)% for VSEC volt-
ages between 1.4V to 2.8V. If unused, the VSEC pin should
be shorted to ground, leaving the natural maximum duty
cycle of the part to be typically 95% for 200kHz operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com