Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1950IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LT1950IGN
Description  Single Switch PWM Controller with Auxiliary Boost Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1950IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1950IGN Datasheet HTML 6Page - Linear Technology LT1950IGN Datasheet HTML 7Page - Linear Technology LT1950IGN Datasheet HTML 8Page - Linear Technology LT1950IGN Datasheet HTML 9Page - Linear Technology LT1950IGN Datasheet HTML 10Page - Linear Technology LT1950IGN Datasheet HTML 11Page - Linear Technology LT1950IGN Datasheet HTML 12Page - Linear Technology LT1950IGN Datasheet HTML 13Page - Linear Technology LT1950IGN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT1950
10
sn1950 1950fs
APPLICATIO S I FOR ATIO
LT1950 Input Supplies, VREF Output and GATE Enable
VIN is the main input supply for the LT1950. VIN2 is the
input supply for the LT1950 output driver. VIN2 can be
provided by shorting the VIN2 pin to the VIN pin or by
generating VIN2 using the BOOST pin. Waveforms of VIN,
VIN2, VREF and GATE switching are shown in Figures 2 and
3. Figure 2 represents low VIN operation with VIN2 gener-
ated using the B00ST pin. Figure 3 represents VIN = VIN2
operation with the BOOST pin open circuit or shorted to
ground.
Low VIN Operation
The LT1950 can be configured to provide a minimum of
10V GATE drive for an external N-channel MOSFET from
VIN voltages as low as 3V, if the BOOST pin is used to
generate a second supply at the VIN2 pin (see Figure 2 and
Applications Information “ Generating VIN2 Supply Using
BOOST Pin”). The advantage of this configuration is that a
lower RDS(ON) is achieved for the external N-channel
MOSFET, improving efficiency, versus a controller run-
ning at 3V input without boosted gate drive. In addition,
typical controllers running at low input voltages have the
limitation of only being able to use logic level MOSFETs.
The LT1950 allows a greater range of usable MOSFETs.
This versatility allows optimization of the overall power
supply performance and allows applications which would
otherwise not be possible without a more complex topol-
ogy. Figure 2 shows that for VIN above 2V, the internal
switcher at the BOOST pin is enabled. This switch gener-
ates the VIN2 supply. As VIN2 ramps up above the
undervoltage lockout threshold of 6.8V the 2.5V reference
VREF becomes active and powers up internal control
circuitry. When VIN2 exceeds approximately 8V, the gate
driver is enabled. VIN2 is regulated between 10V and 11V,
providing a supply to the LT1950 output driver to ensure
a minimum of 10V drive at the GATE pin.
Figure 2. Low VIN Operation
Figure 3. VIN = VIN2 Operation
12
8
4
0
VIN
50
µs/DIV
BOOST
VIN2
VIN
LT1950
L1
D1
C1
MIN
3V
4
3
2
1
0
VREF
1950 F02
GATE
VIN2
10.2
8.5
6.8
5.1
3.4
5.0
2.5
0
10
5
0
VIN = VIN2
VREF
GATE
10
µs/DIV
BOOST
VIN2
VIN
LT1950
TYPICAL START-UP INPUT
>8.2V
C1
*
*BOOST PIN CAN BE
LEFT OPEN OR
SHORTED TO GROUND
1950 F03
VIN = VIN2 Operation
If low VIN operation is not required below approximately
8V on VIN the LT1950 can be configured to run without the
use of the BOOST pin by shorting the VIN2 pin to the VIN
pin. Figure 3 shows that both VIN and VIN2 must now
exceed 6.8V to activate the 2.5V VREF output and must
exceed approximately 8V to enable the output driver
(GATE pin).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com