Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1950IGN Datasheet(PDF) 17 Page - Linear Technology

Part # LT1950IGN
Description  Single Switch PWM Controller with Auxiliary Boost Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1950IGN Datasheet(HTML) 17 Page - Linear Technology

Back Button LT1950IGN Datasheet HTML 12Page - Linear Technology LT1950IGN Datasheet HTML 13Page - Linear Technology LT1950IGN Datasheet HTML 14Page - Linear Technology LT1950IGN Datasheet HTML 15Page - Linear Technology LT1950IGN Datasheet HTML 16Page - Linear Technology LT1950IGN Datasheet HTML 17Page - Linear Technology LT1950IGN Datasheet HTML 18Page - Linear Technology LT1950IGN Datasheet HTML 19Page - Linear Technology LT1950IGN Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LT1950
17
sn1950 1950fs
SLOPE
VREF
ROSC
BLANK
SYNC
FB
COMP
VIN
VIN2
VSEC
SHDN
GATE
ISENSE
GND
PGND
LT1950
5
6
3
9
4
2
1
15
11
16
7
12
10
8
13
210k
27k
6.8k
0.1
µF
+VIN
+VIN
–VIN
T1
PA0581
+VOUT
CIN
2.2
µF
100V
X5R
36V
TO 72V
INPUT
10V
BIAS
470k
18k
232k
24.9k
47
µF
Si7450
330R
470pF
18k
1
µF
1
µF
47k
4
3
5
2
1
8.2V
22k
U2
LT1009
U3
LT1797
FMMT625
OC1
1950 F13
47
µH
0.015
Figure 13. 36V to 72V Input to 26V at 5A Nonsynchronous Forward Converter
LOAD CURRENT (A)
1
5
1950 F12
2
3
4
94
93
92
91
90
89
88
87
86
85
84
VIN = 48V
VOUT = 26V
fOSC = 235kHz
Figure 12. LT1950-Based Nonsynchronous
Forward Converter Efficiency vs Load
Current (Figure 13 Circuit)
High Efficiency, Isolated 26V 5A Output,
Nonsynchronous Forward Converter
Figure 13 illustrates a nonsynchronous forward converter
based on the LT1950 to provide a highly efficient, 26V 5A
isolated output from 48V input. The LT1950-based con-
verter using a single switch topology and utilizing the
LT1950s adaptive maximum duty cycle clamp is a simple
and highly optimized solution. Peak efficiencies of 92.8%
(Figure 12) are achievable. Transformer and inductor are
standard components. The quarter brick sized DC/DC
converter (2.3" by 1.45") delivers over 125W and is only
0.4" high. The 26V converter can be used as a “front line”
(isolating) converter in telecom systems with multiple
outputs.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com