Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1950IGN Datasheet(PDF) 11 Page - Linear Technology

Part # LT1950IGN
Description  Single Switch PWM Controller with Auxiliary Boost Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1950IGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1950IGN Datasheet HTML 7Page - Linear Technology LT1950IGN Datasheet HTML 8Page - Linear Technology LT1950IGN Datasheet HTML 9Page - Linear Technology LT1950IGN Datasheet HTML 10Page - Linear Technology LT1950IGN Datasheet HTML 11Page - Linear Technology LT1950IGN Datasheet HTML 12Page - Linear Technology LT1950IGN Datasheet HTML 13Page - Linear Technology LT1950IGN Datasheet HTML 14Page - Linear Technology LT1950IGN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT1950
11
sn1950 1950fs
APPLICATIO S I FOR ATIO
Shutdown and Undervoltage Lockout
Figure 4 shows how to program undervoltage lockout
(UVLO) for the VIN supply. Typically, UVLO is used in
situations where the input supply is current limited, or has
a relatively high source resistance. A switching regulator
draws constant power from the source, hence source
current increases as source voltage drops. This looks like
a negative load resistance to the source and can cause the
source to current limit or latch low under low source
voltage conditions. An internally set undervoltage lockout
(UVLO) threshold prevents the regulator from operating at
source voltages where these problems might occur. An
internal comparator will force the part into shutdown
below the minimum VIN of 2.6V. This feature can be used
to prevent excessive discharge of battery-operated sys-
tems. Alternatively, UVLO threshold is adjustable. The
shutdown threshold voltage of the SHDN pin is 1.32V.
Forcing the SHDN pin below this 1.32V threshold causes
VREF to be disabled and stops switching at the GATE pin.
If the SHDN pin is left open circuit, a permanent 3
µA flows
out of the pin to ensure that the pin defaults high to allow
normal operation. Voltages above the 1.32V threshold
cause an extra 7
µA to be sourced out of the pin, providing
current hysteresis. This can be used to set voltage hyster-
esis of the UVLO threshold using the following equations:
R
VV
A
R
V
VV
R
A
HL
H
1
7
2
132
132
1
3
=
µ
=
+µ
–
.
(– .
)
VH = Turn on threshold
VL = Turn off threshold
Example: switching should not start until the input is
above 11V and is to stop if the input falls below 9V.
VH = 11V
VL = 9V
R
VV
A
k
R
V
VV
k
A
k
1
11
9
7
286
2
132
11
1 32
286
3
36
=
µ
=
=
+µ
=
–
.
(– .
)
Keep the connections from the resistors to the SHDN pin
short and make sure that the interplane or surface capaci-
tance to the switching nodes are minimized. If high resis-
tance values are used, the SHDN pin should be bypassed
with a 1nF capacitor to prevent coupling problems from
the switch node.
Figure 4. Undervoltage Lockout
3
µA
7
µA
1.32V
GND
VREF
VIN
R1
R2
C1
+
1950 F04
LT1950
Generating VIN2 Supply Using BOOST Pin
The LT1950’s BOOST pin is used to provide a “boosted”
11V supply at the VIN2 pin for VIN voltages as low as 3V.
Since VIN2 supplies the output driver for the GATE pin of
the IC, it is advantageous to generate a boosted VIN2. This
architecture achieves high GATE drive for an external



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com