Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1950IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LT1950IGN
Description  Single Switch PWM Controller with Auxiliary Boost Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1950IGN Datasheet(HTML) 1 Page - Linear Technology

  LT1950IGN Datasheet HTML 1Page - Linear Technology LT1950IGN Datasheet HTML 2Page - Linear Technology LT1950IGN Datasheet HTML 3Page - Linear Technology LT1950IGN Datasheet HTML 4Page - Linear Technology LT1950IGN Datasheet HTML 5Page - Linear Technology LT1950IGN Datasheet HTML 6Page - Linear Technology LT1950IGN Datasheet HTML 7Page - Linear Technology LT1950IGN Datasheet HTML 8Page - Linear Technology LT1950IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT1950
1
sn1950 1950fs
s
Wide Input Range: 3V to 25V
s
Programmable Volt-Second Clamp
s
Output Power Levels from 25W to 500W
s
Auxiliary Boost Converter Provides 10V Gate Drive
from VIN as Low as 3V
s
Programmable Operating Frequency (100kHz to
500kHz) with One External Resistor
s
Programmable Slope Compensation
s
Programmable Leading Edge Blanking
s
±2% Internal 1.23V Reference
s
Accurate Shutdown Pin Threshold with
Programmable Hysteresis
s
60ns Current Sense Delay
s
2.5V Auxiliary Reference Output
s
Synchronizable to an External Clock up to 1.5 • fOSC
s
Current Mode Control
s
Small 16-Pin SSOP Package
s
Telecom Power Supplies
s
Automotive Power Supplies
s
Portable Electronic Equipment
s
Isolated and Nonisolated DC/DC Converters
Single Switch PWM
Controller with Auxiliary
Boost Converter
, LTC and LT are registered trademarks of Linear Technology Corporation.
SLOPE
VREF
BOOST
ROSC
BLANK
SYNC
GND
FB
VIN
VIN2
VSEC
SHDN
GATE
ISENSE
PGND
COMP
LT1950
1950 TA01a
0.1
µF
249k
4.99k
4.7k
0.022
µF
1
µF
470k
18k
10VBIAS
100k
VIN
MBRB20200
47
µH
47
µF
VOUT
26V
5A
0.015
Si7450
2.5V
Efficiency vs Load Current
LOAD CURRENT (A)
0.5
95
90
85
80
75
70
4.5
1950 TA01b
1.5
2.5
3.5
5.5
VIN = 48V
VIN = 36V
VIN = 72V
36V to 72V DC to 26V/5A (Single Switch) Forward Converter
The LT
®1950 is a wide input range, forward, boost, flyback
and SEPIC controller that drives an N-channel power
MOSFET with few external components required.
A resistor programmable duty cycle clamp can be used to
generate a volt-second clamp for forward converter appli-
cations. An internal boost switcher is available for creating
a separate supply for the output gate driver, allowing 10V
gate drive from input voltages as low as 3V. The LT1950’s
operating frequency can be set with an external resistor
over a 100kHz to 500kHz range and a SYNC pin allows the
part to be synchronized to an external clock. Additional
programmability exists for leading edge blanking and
slope compensation.
A fast current sense comparator achieves 60ns current
sense delay and the error amplifier is a true voltage mode
error amplifier, allowing a wide range of compensation
networks. An accurate shutdown pin with programmable
hysteresis is available for undervoltage lockout and shut-
down. The LT1950 is available in a small 16-Pin SSOP
package.
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO


Similar Part No. - LT1950IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1950 LINER-LT1950_15 Datasheet
223Kb / 20P
Single Switch PWM Controller with Auxiliary Boost Converter
More results

Similar Description - LT1950IGN

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2603 SEMTECH-SC2603 Datasheet
224Kb / 11P
Simple PWM Boost Controller
logo
Microsemi Corporation
NX2158 MICROSEMI-NX2158 Datasheet
124Kb / 5P
PWM BOOST CONTROLLER
logo
Micrel Semiconductor
MIC2619 MICREL-MIC2619 Datasheet
685Kb / 15P
1.2MHz PWM Boost Converter with OVP
logo
MIC GROUP RECTIFIERS
MIC2619 MIC-MIC2619_11 Datasheet
685Kb / 15P
1.2MHz PWM Boost Converter with OVP
logo
Linear Technology
LT1950 LINER-LT1950_15 Datasheet
223Kb / 20P
Single Switch PWM Controller with Auxiliary Boost Converter
logo
Diodes Incorporated
AL3022 DIODES-AL3022 Datasheet
435Kb / 12P
PWM BOOST CONTROLLER
Rev 3
logo
Eutech Microelectronics...
EUP2961A EUTECH-EUP2961A Datasheet
69Kb / 1P
White LED Boost Converter with PWM
logo
Silicon Mitus, Inc.
SM1201 SILICONMITUS-SM1201 Datasheet
327Kb / 1P
PWM Controller for Boost Converter with LDO
Februay 2018 -Rev. 0.0.0
SM1202 SILICONMITUS-SM1202 Datasheet
329Kb / 1P
PWM Controller for Dual Boost Converter with LDO
Februay 2018 - Rev. 0.0.0
logo
Richtek Technology Corp...
RT4809 RICHTEK-RT4809 Datasheet
559Kb / 11P
DC-DC Boost Converter for PWM Controller
December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com