Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1950IGN Datasheet(PDF) 15 Page - Linear Technology

Part # LT1950IGN
Description  Single Switch PWM Controller with Auxiliary Boost Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1950IGN Datasheet(HTML) 15 Page - Linear Technology

Back Button LT1950IGN Datasheet HTML 11Page - Linear Technology LT1950IGN Datasheet HTML 12Page - Linear Technology LT1950IGN Datasheet HTML 13Page - Linear Technology LT1950IGN Datasheet HTML 14Page - Linear Technology LT1950IGN Datasheet HTML 15Page - Linear Technology LT1950IGN Datasheet HTML 16Page - Linear Technology LT1950IGN Datasheet HTML 17Page - Linear Technology LT1950IGN Datasheet HTML 18Page - Linear Technology LT1950IGN Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LT1950
15
sn1950 1950fs
APPLICATIO S I FOR ATIO
ability of the VSEC pin to follow input voltage and control
maximum switch duty cycle.
Forward Converter Applications
The LT1950 provides sophisticated control of the simplest
forward converter topology (single primary switch, see Q1
Figure 11). A significant problem in a single switch for-
ward converter topology is transformer reset. Optimum
transformer utilization requires maximum duty cycles.
Unfortunately as duty cycles increase the transformer
reset time decreases and reset voltages increase. This
increases the voltage requirements and stress on both
transformer and switch. The LT1950 incorporates an
adaptive maximum duty cycle clamp which controls maxi-
mum switch duty cycle based on system input voltage.
The adaptive clamp allows the converter to operate at up
to 75% duty cycle, allowing 25% of the switching period
for resetting the transformer. This results in greater
utilization of MOSFET, transformer and output rectifier
components. The VSEC pin can be programmed from
system input to adaptively control maximum duty cycle
(see Applications Information “Programming Volt-Sec-
ond Clamp” and the Maximum Duty Cycle vs VSEC Voltage
graph in the Typical Performance Characteristics section).
Figure 9. LT1950-Based Synchronous Forward
Converter Efficiency vs Load Current
LOAD CURRENT (A)
0
100
95
90
85
80
75
70
510
15
20
1950 F09
VIN = 48V
VOUT = 3.3V
fOSC = 235kHz
POWER
MODULE
VOUT
(100mV/DIV)
LT1950
VOUT
(100mV/DIV)
500
µs/DIV
1950 F10
Figure 10. Output Voltage Transient Response
to Load Steps (0A to 3.3A) LT1950 (Trace1)
vs Power Module (Trace 2)
94% Efficient 3.3V, 20A Synchronous Forward
Converter
The synchronous forward converter in Figure 11 is based
on the LT1950 and uses MOSFETs as synchronous output
rectifiers to provide an efficient 3.3V, 20A isolated output
from 48V input. The output rectifiers are driven by the
LTC1698 which also serves as an error amplifier and
optocoupler driver. Efficiency and transient response
are shown in Figures 9 and 10. Peak efficiencies of 94%
and ultra-fast transient response are superior to presently
available power modules. In addition, the circuit in Figure 11
is an all-ceramic capacitor solution providing low output
ripple voltage and improved reliability. The LT1950-based
converter can be used to replace power module converters
at a much lower cost. The LT1950 solution benefits from
thermal conduction of the system board resulting in
higher efficiencies and lower rise in component tempera-
tures. The 7mm height allows dense packaging and the
circuit can be easily adjusted to provide an output voltage
from 1.23V to 15V. In addition, higher currents are achiev-
able by simple scaling of power components. The LT1950-
based solution in Figure 11 is a powerful topology for
replacement of a wide range of power modules.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com