Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1950IGN Datasheet(PDF) 8 Page - Linear Technology

Part # LT1950IGN
Description  Single Switch PWM Controller with Auxiliary Boost Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1950IGN Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1950IGN Datasheet HTML 4Page - Linear Technology LT1950IGN Datasheet HTML 5Page - Linear Technology LT1950IGN Datasheet HTML 6Page - Linear Technology LT1950IGN Datasheet HTML 7Page - Linear Technology LT1950IGN Datasheet HTML 8Page - Linear Technology LT1950IGN Datasheet HTML 9Page - Linear Technology LT1950IGN Datasheet HTML 10Page - Linear Technology LT1950IGN Datasheet HTML 11Page - Linear Technology LT1950IGN Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LT1950
8
sn1950 1950fs
The LT1950 is a constant frequency, current mode con-
troller for DC/DC forward, boost, flyback and SEPIC con-
verter applications. The Block Diagram in Figure 1 shows
all of the key functions of the IC.
In normal operation, a VIN voltage as low as 3V allows an
internal switcher at the BOOST pin to generate a separate
BLOCK DIAGRA
OPERATIO
Figure 1. LT1950 Block Diagram
–
+
VREF =
INTERNAL +
EXTERNAL
SUPPLY
VIN2
2.5V
(SOURCE 2.5mA
EXTERNALLY)
1.23V
(VIN) (2.6V)
U/V LOCKOUT
(VIN2) (8V)
U/V LOCKOUT
(100-500)khz
(105/VSEC)%
OSC
(TYPICAL 200kHz)
7
15
16
14
12
13
11
6
4
3
5
10
8
1
9
2
SHDN
SYNC
ROSC
SLOPE
1.32V
1.23V
MAX DC
CLAMP
SLOPE COMP
RAMP
S
Q
R
BLANKING
FB
COMP
GND
BLANK
VREF
VIN
VSEC
BOOST
VIN2
SWITCHING PREREGULATOR
FIXED OFF TIME
(125mA CURRENT LIMIT)
PGND
DISABLE
–
+
CURRENT
SENSE
CMP
BLANKING
OVERRIDE
CMP
GATE
PGND
ISENSE
±1A
DRIVER
13V
ENABLE
11V
8V
1950 BD
3
µA
ERROR AMPLIFIER
VOLTAGE GAIN = 85dB
125mV
0mV – >100mV
11V supply at VIN2 using a small surface mount external
inductor, diode and capacitor. Since VIN2 supplies the
output driver of the IC, this architecture achieves high
GATE drive for an external N-channel power MOSFET even
though VIN voltage is very low. High GATE drive capability
reduces MOSFET RDS(ON) for improved efficiency,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com