Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1950IGN Datasheet(PDF) 16 Page - Linear Technology

Part # LT1950IGN
Description  Single Switch PWM Controller with Auxiliary Boost Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1950IGN Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1950IGN Datasheet HTML 12Page - Linear Technology LT1950IGN Datasheet HTML 13Page - Linear Technology LT1950IGN Datasheet HTML 14Page - Linear Technology LT1950IGN Datasheet HTML 15Page - Linear Technology LT1950IGN Datasheet HTML 16Page - Linear Technology LT1950IGN Datasheet HTML 17Page - Linear Technology LT1950IGN Datasheet HTML 18Page - Linear Technology LT1950IGN Datasheet HTML 19Page - Linear Technology LT1950IGN Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LT1950
16
sn1950 1950fs
Figure 11. 36V to 72V Input to 3.3V at 20A Synchronous Forward Converter
COMP
FB
ROSC
SYNC
SLOPE
VREF
SHDN
GND
VSEC
VIN
BOOST
PGND
GATE
VIN2
ISENSE
BLANK
LT1950
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VDD
CG
PGND
GND
OPTO
VCOMP
MARG
VFB=1.233V
FG
SYNC
VAUX
ICOMP
+ISNS
–ISNS
PWTOK
OVP
LTC1698
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
R4, 18k
R17, 210k
R1
4.7k
C1
0.1
µF
C3
10nF
+VIN
+VIN
+VIN
–VIN
COMP
UV
CU1
1
µF
R18
27k
CS
10VBIAS
10VBIAS
10VBIAS
COMP
U4
HCPL-M453
0.1
µF
C6
4.7
µF
D3
BAT760
R2
4.7k
100k
100k
R3
4.7k
UV
10VBIAS
Q4
BC847BF
6
5
4
1
2
3
SYNC
FG
CG
7VBIAS
+V01
R14
1.2k
R16
2.8k
R15
4.7k
C9, 33nF
1
µF
X5R
R13
270
Ω
0.1
µF
R9
470k
8
7
2
1
6
5
4
3
U2A
LTC1693-1
U2B
LTC1693-1
T1
STG-0313W
Q2
Si7380
2
×
Q1
Si4490
FG
Q3
Si7380
2
×
CG
L1
C.PI-1365-1R2
C01
100
µF
X5R
4
×
+V01
3.3V
20A
SYNC
220pF
560
Ω
T2
R7
255
Ω
D1
BAS516
CS
RS
0.015
Ω
C4
1000pF
47
Ω
D2
BAT760
CIN
2.2
µF
100V
X5R
36V
TO 72V
INPUT
R6
18k
R5
470k
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com