Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1950IGN Datasheet(PDF) 12 Page - Linear Technology

Part # LT1950IGN
Description  Single Switch PWM Controller with Auxiliary Boost Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1950IGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1950IGN Datasheet HTML 8Page - Linear Technology LT1950IGN Datasheet HTML 9Page - Linear Technology LT1950IGN Datasheet HTML 10Page - Linear Technology LT1950IGN Datasheet HTML 11Page - Linear Technology LT1950IGN Datasheet HTML 12Page - Linear Technology LT1950IGN Datasheet HTML 13Page - Linear Technology LT1950IGN Datasheet HTML 14Page - Linear Technology LT1950IGN Datasheet HTML 15Page - Linear Technology LT1950IGN Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LT1950
12
sn1950 1950fs
N-channel power MOSFET even though VIN voltage is very
low. High GATE drive voltage reduces MOSFET RDS(ON),
improves efficiency and increases the range of MOSFETs
that can be selected. A small switching regulator at the
BOOST pin, with fixed current limit and fixed off time,
generates the VIN2 supply. With an external inductor
connected between the BOOST pin and VIN (see Figure 5),
the BOOST pin will draw current until approximately
125mA is reached, turn off for 0.5
µsandthenturnbackon.
The cycle is repeated for as long as the switcher is enabled.
By using a diode connected from BOOST to VIN2 and a
capacitor from VIN2 to ground, energy from the external
inductor is transferred to the VIN2 capacitor during the off-
time of the internal switcher. An auxiliary boost converter
is realized providing a supply to the VIN2 pin. The typical
inductor current, VIN2 voltage and BOOST pin voltage
waveforms are shown in Figure 5. When VIN2 reaches 11V,
the internal switcher is disabled. Since VIN2 supplies the
output driver of the LT1950, switching at the GATE pin will
eventually discharge the VIN2 capacitor until VIN2 reaches
a lower level of approximately 10V. At this level the internal
switcher is re-enabled and switches until VIN2 returns to
APPLICATIO S I FOR ATIO
Figure 6. Oscillator Frequency (fOSC) vs ROSC
ROSC (kΩ)
50
400 450 500
1950 F06
100 150
250
200
300 350
500
450
400
350
300
250
200
150
100
11V. This hysteretic (burst mode) operation for the inter-
nal switcher minimizes power dissipation from VIN.
The VREF output is a 2.5V reference supplying most of the
LT1950 control circuitry. It is available for external use
with maximum current capability of 2.5mA. The pin should
be bypassed to ground using a 0.1
µF capacitor. Internal
undervoltage lockout thresholds for VIN and VIN2 of ap-
proximately 2.6V and 6.8V respectively must be exceeded
before VREF becomes active.
Programming Oscillator Frequency
The oscillator frequency of the LT1950 is programmed
using an external resistor connected between the ROSC pin
and ground. Figure 6 shows typical fOSC vs ROSC resistor
values. The LT1950 is programmable for a free-running
oscillator frequency in the range of 100kHz to 500kHz.
Stray capacitance and potential noise pickup on the ROSC
pin should be minimized by placing the ROSC resistor as
close as possible to the ROSC pin and keeping the area of
the ROSC node as small as possible. The ground side of the
ROSC resistor should be returned directly to the GND
(analog ground) pin.
Figure 5. VIN2 Generation Using the BOOST Pin
BOOST
VIN2
VIN
LT1950
L1
D1
C1
MIN
3V
5
µs/DIV
12
10
0.25
0
0.25
0
15
0
(V)
(V)
(A)
(A)
1950 F05
BOOST
VIN2
ID1
IL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com