Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1950IGN Datasheet(PDF) 5 Page - Linear Technology

Part # LT1950IGN
Description  Single Switch PWM Controller with Auxiliary Boost Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1950IGN Datasheet(HTML) 5 Page - Linear Technology

  LT1950IGN Datasheet HTML 1Page - Linear Technology LT1950IGN Datasheet HTML 2Page - Linear Technology LT1950IGN Datasheet HTML 3Page - Linear Technology LT1950IGN Datasheet HTML 4Page - Linear Technology LT1950IGN Datasheet HTML 5Page - Linear Technology LT1950IGN Datasheet HTML 6Page - Linear Technology LT1950IGN Datasheet HTML 7Page - Linear Technology LT1950IGN Datasheet HTML 8Page - Linear Technology LT1950IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT1950
5
sn1950 1950fs
TEMPERATURE (
°C)
–50
100
1950 G11
050
11
10
9
8
7
6
5
4
3
–25
25
75
125
GATE CAPACITANCE (pF)
0
125
100
75
50
25
0
4000
1950 G12
1000
2000
3000
5000
tr
tf
TEMPERATURE (
°C)
–50
100
1950 G08
050
3.00
2.75
2.50
2.25
2.00
–25
25
75
125
TEMPERATURE (
°C)
–50
40
35
30
25
20
15
10
25
75
1950 G07
–25
0
50
100
125
TEMPERATURE (
°C)
–50
100
1950 G09
050
3.1
2.9
2.7
2.5
2.3
2.1
1.9
1.7
1.5
–25
25
75
125
14
12
10
8
6
4
2
0
TEMPERATURE (
°C)
–50
25
75
1950 G10
–25
0
50
100
125
SHDN = SHDN THRESHOLD + 70mV
SHDN = SHDN THRESHOLD – 100mV
9.2
8.7
8.2
7.7
7.2
TEMPERATURE (
°C)
–50
25
75
1950 G13
–25
0
50
100
125
GATE DISABLE
GATE ENABLE
HYSTERESIS
TEMPERATURE (
°C)
–50
1950 G14
0
50
100
13.0
12.5
12.0
11.5
11.0
10.5
10.0
9.5
9.0
–25
25
75
125
BOOST DISABLE
BOOST RE-ENABLE
HYSTERESIS
250
200
150
100
50
TEMPERATURE (
°C)
–50
25
75
1950 G15
–25
0
50
100
125
TA = 25°C
BLANK Override Threshold –
ISENSE Maximum Threshold vs
Temperature
Minimum VIN Start-Up Voltage vs
Temperature (VIN2 Boosted)
VIN IQ vs Temperature
SHDN Input Current *(–1) vs
Temperature
SHDN Current Hysteresis vs
Temperature
GATE Rise/Fall Time vs
GATE Capacitance
VIN2: BOOST Disable
vs Temperature
BOOST Switch ILIMIT vs
Temperature
VIN2: GATE Enable
vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com