Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR0621 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATR0621
Description  GPS Baseband Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0621 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATR0621 Datasheet HTML 3Page - ATMEL Corporation ATR0621 Datasheet HTML 4Page - ATMEL Corporation ATR0621 Datasheet HTML 5Page - ATMEL Corporation ATR0621 Datasheet HTML 6Page - ATMEL Corporation ATR0621 Datasheet HTML 7Page - ATMEL Corporation ATR0621 Datasheet HTML 8Page - ATMEL Corporation ATR0621 Datasheet HTML 9Page - ATMEL Corporation ATR0621 Datasheet HTML 10Page - ATMEL Corporation ATR0621 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
4890AS–GPS–09/05
ATR0621 [Preliminary]
P6
A8
I/O
OH
NOE/NRD
NOE/NRD
“0”
P7
D2
I/O
OH
NUB/NWR1
NUB/NWR1
“0”
P8
G2
I/O
STATUSLED
“0”
P9
J8
I/O
PU
EXTINT0
EXTINT0
P10
E4
I/O
OH
EM_A0/NLB
EM_A0/NLB
“0”
P11
H10
I/O
OH
EM_A21
NCS2
EM_A21
P12
F3
I/O
Configurable (PU)
GPSMODE2
NPCS2
P13
G10
I/O
PU
GPSMODE3
EXTINT1
P14
J5
I/O
Configurable (PD)
NAADET1
“0”
P15
K5
I/O
PD
ANTON
P16
E1
I/O
Configurable (PU)
NEEPROM
SIGHI1
NWD_OVF
P17
J4
I/O
Configurable (PD)
GPSMODE5
SCK1
SCK1
P18
K4
I/O
Configurable (PU)
TXD1
TXD1
“0”
P19
F1
I/O
Configurable (PU)
GPSMODE6
SIGLO1
“0”
P20
H2
I/O
Configurable (PU)
TIMEPULSE
SCK2
SCK2
TIMEPULSE
P21
F2
I/O
Configurable (PU)
TXD2
TXD2
“0”
P22
H8
I/O
PU
RXD2
RXD2
P23
H3
I/O
Configurable (PU)
GPSMODE7
SCK
SCK
MCLK_OUT
P24
H1
I/O
Configurable (PU)
GPSMODE8
MOSI
MOSI
“0”
P25
D1
I/O
Configurable (PU)
NAADET0
MISO
MISO
“0”
P26
G8
I/O
Configurable (PU)
GPSMODE10
NSS
NPCS0
“0”
P27
E2
I/O
Configurable (PU)
GPSMODE11
NPCS1
P28
G1
I/O
OH
EM_A20
NCS3
EM_A20
P29
E3
I/O
Configurable (PU)
GPSMODE12
NPCS3
P30
G5
I/O
PD
AGCOUT0
AGCOUT0
“0”
P31
H9
I/O
PU
RXD1
RXD1
RF_ON
K6
OUT
PD
SIGHI0
F9
OUT
SIGLO0
E10
OUT
TCK
J3
IN
PU
TDI
J2
IN
PU
TDO
K3
OUT
TMS
J1
IN
PU
USB_DM
F10
I/O
USB_DP
D3
I/O
VBAT
J7
IN
Table 3-1.
ATR0621 Pinout (Continued)
Pin Name
LFBGA100
Pin Type
Pull Resistor
(Reset Value)(1)
Firmware Label
PIO Bank A
PIO Bank B
Notes:
1. PD = internal pull-down resistor, PU = internal pull-up resistor, OH = switched to Output High at reset
2. VDDIO is the supply voltage for the following GPIO pins: P1, P2, P8, P12, P14, P16, P17, P18, P19, P20, P21, P23, P24,
P25, P26, P27 and P29
3. VDD_USB is the supply voltage for the following USB pins: USB_DM and USB_DP. For operation of the USB interface, sup-
ply of 3.0V to 3.6V is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com