Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR0621 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATR0621
Description  GPS Baseband Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0621 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATR0621 Datasheet HTML 10Page - ATMEL Corporation ATR0621 Datasheet HTML 11Page - ATMEL Corporation ATR0621 Datasheet HTML 12Page - ATMEL Corporation ATR0621 Datasheet HTML 13Page - ATMEL Corporation ATR0621 Datasheet HTML 14Page - ATMEL Corporation ATR0621 Datasheet HTML 15Page - ATMEL Corporation ATR0621 Datasheet HTML 16Page - ATMEL Corporation ATR0621 Datasheet HTML 17Page - ATMEL Corporation ATR0621 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
4890AS–GPS–09/05
ATR0621 [Preliminary]
The Antenna Supervisor Software will be configured as follows:
1.
Enable Control Signal
2.
Enable Short Circuit Detection (power down antenna via ANTON if short is detected
via NANTSHORT)
3.
Enable Open Circuit Detection via NAADET
3.4
External Connections for a Working GPS System
Figure 3-2.
Example of an External Connection
ATR0601
SIGH
SIGL
SC
P1
ATR0621
SIGHI
SIGLO
CLK23
RF_ON
NSLEEP
P2
EM_DA0 - 15
See Table 3-15
EM_A1 - 19
NC
NRESET
NC
See Table 3-15
P20
TIMEPULSE
P16 - 17
See Table 3-15
P0 - 7
P9 - 15
See Table 3-15
P19
See Table 3-15
P23 - 30
See Table 3-15
USB_DM
USB_DP
Optional
USB
P31
P18
Optional
USART 1
P22
P21
Optional
USART 2
P8
STATUS LED
TMS
NC
TDI
NC
TCK
NC
NTRST
NC
TDO
NC
TEST_MODE
NC
DBG_EN
NC
NSHDN
LDO_EN
LDO_OUT
VDD18
+3V
(see Power Supply)
LDO_IN
LDOBAT_IN
GND
GND
VBAT18
+3V
(see Power Supply)
TOUT1
NC
XT_IN
XT_OUT
32.368 kHz
(see RTC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com